Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 969 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 969 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 965Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 966Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 967Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 968Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 969Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 970Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 971Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 972Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 973Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 969 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-9
For information about cell rate pacing, see Section 31.3.5, “ATM Traffic Type.” For information about
prioritization, see Section 31.3.6, “Determining the Priority of an ATM Channel.”
31.3.2
APC Unit Scheduling Mechanism
The APC unit consists of an APC data structure in the dual-port RAM for each PHY and a special
scheduling algorithm performed by the CP. Each PHY’s APC data structure includes three elements: an
APC parameter table, an APC priority table, and cell transmission scheduling tables for each priority level.
(See Section 31.10.4, “APC Data Structure.”)
Each PHY’s APC parameter table holds parameters that define the priority table location, the number of
priority levels, and other APC parameters. The priority table holds pointers that define the location and
size of each priority level’s scheduling table.
Each scheduling table is divided into time slots, as shown in Figure 31-1. The user determines the number
of ATM cells to be sent each time slot (cells per slot). After a channel is sent, it is removed from the current
time slot and advanced to a future time slot according to the channel’s assigned traffic rate (specified in
time slots). The PCR parameter in the TCT, or the SCR or MCR parameters in the TCT extension (TCTE)
determine the channel’s actual rate.
Figure 31-1. APC Scheduling Table Mechanism
Table 31-1. ATM Service Types
Service Type
Cell Rate Pacing
Real-Time/
Non-Real-Time
Relative Priority
CBR
PCR
RT
1 (highest)
VBR-RT
PCR, SCR (peak-and-sustain)
RT
2
VBR-NRT
PCR, SCR (peak-and-sustain)
NRT
3
ABR1
1
When ABR flow control is active, the CP automatically adapts the APC parameters PCR,
PCR_FRACTION. These parameters function as the channel’s allowed cell rate (ACR).
PCR
NRT
4
UBR+
PCR, MCR (peak-and-minimum)
NRT
5
UBR
PCR
NRT
6 (lowest)
1
5
9
4
6
7
8
2
3
Number of Slots
Current Slot
Cell Rescheduling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com