Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 971 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 971 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 967Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 968Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 969Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 970Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 971Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 972Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 973Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 974Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 975Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 971 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-11
For the above example, 32 kbps = 155.52 Mbps/((1216-1)
× 4).
Use equations (A) and (B) to obtain the maximum and minimum bit rates of a scheduling table. For
example, given a line rate = 155.52 Mbps, number_of_slots = 1025, and CPS = 8:
31.3.4
Determining the Time-Slot Scheduling Rate of a Channel
The time-slot scheduling rate of each ATM channel is defined by equation C. The resulting number of APC
slots is written in either TCT[PCR], TCTE[SCR] or TCTE[MCR], depending on the traffic type.
31.3.5
ATM Traffic Type
The APC uses the cell rate pacing parameters (PCR, SCR, and MCR) to generate CBR, VBR, ABR,
UBR+, and UBR traffic. The user determines the kind of traffic that is generated per VC by writing to
TCT[ATT] (ATM traffic type); see Section 31.10.2.3, “Transmit Connection Table (TCT).”
31.3.5.1
Peak Cell Rate Traffic Type
When the peak cell rate traffic type is selected, the APC schedules channels to transmit according to the
PCR and PCR_FRACTION traffic parameters. Other traffic parameters do not apply to this traffic type.
31.3.5.2
Determining the PCR Traffic Type Parameters
Suppose a VC uses 15.66 Mbps of the total 155.52 Mbps and CPS = 8. Equation C yields:
The resulting number of slots is written into TCT[PCR] and TCT[PCR_FRACTION]. Because
PCR_FRACTION is in units of 1/256 slots, the fraction must be converted as follows:
Min bit rate =
(B)
(number_of_slots - 1)
× cells per slot
line rate
Max bit rate = (155.52 Mbps)/8 = 19.44 Mbps
Min bit rate = (155.52 Mbps)/(1024
× 8) = 18.98 kbps.
Rate [slots] =
(C)
VC rate [bps]
× cells per slot
line rate [bps]
PCR [slots] = (155.52 Mbps)/(15.66 Mbps
× 8) = 1.241
1.241 = 1+0.241
× 256/256 =1+ 61.79/256 ~ 1 + 62/256
PCR = 1
PCR_FRACTION = 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com