Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 968 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 968 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 964Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 965Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 966Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 967Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 968Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 969Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 970Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 971Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 972Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 968 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-8
Freescale Semiconductor
The MPC8280 supports partially filled cells configured on a per-VC basis. In this mode (RCT[PFM] = 1),
the ATM controller copies only the valid octets from the cell user data field to the buffer.
31.2.2.2.1
AAL1 CES Receiver Overview
Refer to Section 32.3, “AAL1 CES Receiver Overview.”
31.2.2.3
AAL0 Receiver Overview
For AAL0, no specific adaptation layer processing is done. The ATM controller copies the whole cell to
an external buffer. Each buffer contains exactly one AAL0 cell. The ATM controller calculates and checks
the CRC10 of the cell payload and sets RxBD[CRE] if a CRC error occurs. AAL0 mode can be useful for
receiving OAM cells or AAL3/4 raw cells.
31.2.2.4
AAL2 Receiver Overview
Refer to Section 33.4.1, “Receiver Overview.”
31.2.3
Performance Monitoring
The ATM controller supports performance monitoring testing according to ITU I.610. When performance
monitoring is enabled, the ATM controller automatically generates and terminates FMCs (forward
monitoring cells) and BRCs (backward reporting cells). See Section 31.6.6, “Performance Monitoring.”
31.2.4
ABR Flow Control
When AAL5-ABR is enabled, the ATM controller implements the ATM Forum TM 4.0 available-bit-rate
flow. It automatically inserts forward- and backward-RM cells into the user cell stream and adjusts the
transmission rate according to the backwards RM cell feedback; see Section 31.10.2.2.2, “AAL5-ABR
Protocol-Specific RCT.” The ABR flow is controlled on a per-VC basis.
31.3
ATM Pace Control (APC) Unit
The ATM pace control (APC) unit schedules the ATM channels for transmitting. While performing this
task, the APC unit uses the following parameters:
•
Frequency (bandwidth) of each ATM channel
•
ATM traffic pacing—Peak cell rate (PCR), sustain cell rate (SCR), and minimum rate (MCR)
•
Priority level—Real-time channels (CBR or VBR-RT) are scheduled at high-priority levels;
non-real-time channels (VBR-NRT, ABR, UBR) are scheduled at low-priority levels. Up to eight
priority levels are available.
31.3.1
APC Modes and ATM Service Types
The ATM Forum (http://www.atmforum.com) defines the service types described in Table 31-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com