Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 972 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 972 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 968Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 969Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 970Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 971Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 972Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 973Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 974Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 975Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 976Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 972 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-12
Freescale Semiconductor
31.3.5.3
Peak and Sustain Traffic Type (VBR)
Variable bit rate (VBR) traffic can burst at the peak cell rate as long as the long-term average rate does not
exceed the sustainable cell rate. To support VBR channels, the APC implements the GCRA (generic cell
rate algorithm) using three parameters—the peak cell rate (PCR), the sustained cell rate (SCR), and burst
tolerance (BT), as shown in Figure 31-2. (The GCRA is also known as the leaky bucket algorithm.)
Figure 31-2. VBR Pacing Using the GCRA (Leaky Bucket Algorithm)
When a VBR channel is activated, it bursts at the peak cell rate (PCR) until reaching its initial burst
tolerance (BT), which is the buffer length the network allocated for this VC. When the burst limit is
reached, the APC reduces the VC’s scheduling rate to the sustained cell rate (SCR). The VC continues
sending at SCR as long as TxBDs are ready. However, as each SCR time allotment elapses with no TxBD
ready to send, the APC grants the VC a credit for bursting at the peak cell rate (PCR). (Gaining credit
implies that the buffer at the switch is not full and can tolerate a burst transmission.) If a TxBD becomes
ready, the APC schedules the VC to burst at the PCR as long as credit remains. When the burst credit ends
(the network’s UPC leaky bucket reaches its limit), the APC schedules the VC according to SCR.
31.3.5.3.1
Example for Using VBR Traffic Parameters
Suppose the traffic parameters of a VBR channel are PCR = 6 Mbps, SCR = 2 Mbps, MBS (maximum
burst size) = 1000 cells, and CPS = 8.
Equation C (see Section 31.3.4, “Determining the Time-Slot Scheduling Rate of a Channel”) yields the
APC parameters, PCR, PCR_FRACTION, SCR, and SCR_FRACTION, which the user writes to the
channel’s TCT.
Conforming VBR Traffic
Burst tolerance (BT)
Sustained cell rate (SCR)
Incoming cells fill the bucket at the peak cell rate (PCR) or at the SCR if the bucket is full.
PCR [slots] = (155.52 Mbps)/(6 Mbps
× 8) = 3.24
3.24 = 3 + 0.24
× 256/256 = 3 + 61.44/256 ~ 3 + 62/256
PCR = 3
PCR_FRACTION = 62
SCR [slots] = (155.52 Mbps)/(2 Mbps
× 8) = 9.72
9.72 = 9 + (0.72
× 256/256) = 9 + 184.32/256 ~ 9 + 185/256
SCR = 9
SCR_FRACTION = 185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com