Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 976 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 976 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 972Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 973Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 974Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 975Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 976Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 977Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 978Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 979Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 980Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 976 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-16
Freescale Semiconductor
to indicate the received cell’s channel code. Address compression field descriptions are shown in
Table 31-3.
31.4.2.1
VP-Level Address Compression Table (VPLT)
The size of the VP-level table depends on the number of mask bits in VP_MASK. For example, if only
one PHY is available (PHY address = 0) and VPMASK = 0b11_1111_1111, VP pointer contains ten bits
and the table is 4 Kbytes. Because each VPLT entry is 4 bytes, the address of an entry is VPT_BASE + VP
pointer
× 4.
Each VPLT entry has two parameters:
•
VC_MASK—A 16-bit VC-level mask for masking the incoming cell’s VCI
•
VCOFFSET—A 16-bit VC-level table offset from VC_BASE that points to the appropriate
VC-level table’s (VCLT) starting address. The address of the VCLT is VC_BASE + VCOFFSET
× 4.
If the VCLTs are to be placed contiguously in memory, each table’s VCOFFSET depends on the
size of preceding tables. Each table’s size depends on the number of ones in VC_MASK.
Figure 31-6 gives the general formula for determining VCOFFSET.
Table 31-4 shows example VCOFFSET calculations for a VP-level table with four entries.
Table 31-3. Field Descriptions for Address Compression
Field
Description
PHY
Addr
In multiple PHY mode, this field contains the 4 least-significant bits of the current channel’s physical
address. Because this comparison field is limited to 4 bits, two sets of look-up tables are needed if using
more than 16 PHYs.The msb of the PHY address (bit 4) selects between the two sets of tables. If the msb
is zero, the CP accesses the tables at VPT_BASE and VCT_BASE; if the msb is set, the CP uses
VPT1_BASE and VCT1_BASE. See Section 16.4.1, “CMX UTOPIA Address Register (CMXUAR).”
In single PHY mode, clear this field.
VCI, VPI The VCI and VPI of the current channel.
Ch Code Pointer to internal or external connection table.
—
Reserved, should be cleared.
MS
Match status.
0 Match was found.
1 Match was not found.
General formula: VCOFFSET(n+1) = VCOFFSETn + 2
(number of ones in VC_MASKn)
Figure 31-6. General VCOFFSET Formula for Contiguous VCLTs
Table 31-4. VCOFFSET Calculation Examples for Contiguous VCLTs
VP-Level
Table Entry
VC_MASK
Number of Ones
in VC_MASK
VC-Level
Table Size
VCOFFSET
0
0x0237
6
26 = 64 entries
0
1
0x0230
3
23 = 8 entries
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com