Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 980 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 980 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 976Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 977Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 978Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 979Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 980Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 981Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 982Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 983Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 984Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 980 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-20
Freescale Semiconductor
(source ER). A congested switch along the network may decrease ER to the exact rate it can
support. The destination receives forward RM cells and returns them to the source as backward RM
cells. The MPC8280 implements source behavior by adjusting the rate according to each returning
backward RM cell’s ER.
Explicit rate feedback has several advantages over binary feedback (EFCI). Explicit rate feedback allows
immediate source rate adaptation, eliminating rate oscillation caused by incremental rate changes. Using
the information in RM cells, the network can allocate bandwidth evenly among active ABR channels.
31.5.1
The ABR Model
Figure 31-10 shows the MPC8280’s ABR model.
Figure 31-10. MPC8280’s ABR Basic Model
The MPC8280 ABR flow control implements both source and destination behavior. The MPC8280’s ABR
flowchart is described in Section 31.5.1.3, “ABR Flowcharts.”
31.5.1.1
ABR Flow Control Source End-System Behavior
The MPC8280’s implementation of ABR flow control for end-system sources is described in the following
steps:
1. An ABR channel’s allowed cell rate (ACR) lies between the minimum cell rate (MCR) and the
peak cell rate (PCR).
2. ACR is initialized to the initial cell rate (ICR).
3. An F-RM (Forward-RM) cell is sent for every Nrm data cell sent. If more than Mrm cells are sent
and the time elapsed since the last F-RM exceeds Trm, an F-RM cell is sent.
4. When sending an F-RM cell, the current ACR is written in the CCR (current cell rate) field of the
RM cell.
5. When B-RM (backward-RM) cell is received with CI = 1 (congestion indication), ACR is reduced
by ACR
× RDF (rate decrease factor). After the reduction, the new ACR is determined first by
letting ACRtemp be the min of (ACR, ER), and then taking the max of (ACRtemp, MCR).
Source Behavior
Destination Behavior
Nrm Data Cells
F-RM Cell
B-RM Cell
Update Rate
CCR,ER
ER, CI, NI
F-RM Cell
B-RM Cell
Set CI, NI
Turn-around
Reduce ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com