Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 983 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 983 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 979Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 980Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 981Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 982Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 983Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 984Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 985Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 986Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 987Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 983 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-23
Figure 31-12. ABR Transmit Flow (continued)
RM/DATA In Rate Cell Tx
Count >= Nrm
or (Count > Mrm
and Now
≥
(Last_RM+Trm))
Nrm=Number of data cells between every RM cell
Mrm=Fixed number=2
Trm=Max time between every F-RM Cells.
Count=Number of data cells from last F-RM.
Time = Now - Last_RM
Checking “Time-Out Factor” Max time
allowed between RM Cells before a rate
Decrease is required.
Time >ADTF
ACR = ICR
ACR is too high
Idle adjust (“use it or loose it”)
Unack
≥Crm
ACR = ACR-ACR
× CDF
ACR = max(ACR,MCR)
Unack=Number of F-RM cells sent
without any B-RM cell received.
Crm=Max number of F-RM cells without any
B-RM cell allowed before rate decrease
is required.
Send RM (DIR = forward, CCR = ACR, ER = PCR, CI = NI = CLP = 0)
Count=0
Last_RM = Now
First-turn = TRUE
Unack = Unack+1
EXIT
First-turn = Flag indicates first turn of RM cell
with priority over data cells.
B-RM/DATA In Rate Cell Tx
F-RM In Rate Cell Tx
Count = Count+1
Source End-Sys 3
Source End-Sys 4
Source End-Sys 7
Source End-Sys 8
Yes
No
Yes
No
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com