Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 987 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 987 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 983Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 984Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 985Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 986Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 987Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 988Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 989Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 990Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 991Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 987 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-27
Initialize the traffic parameters (ER, MCR, PCR, or ICR) in the ABR protocol-specific connection tables
using the rate formula in Figure 31-16.
31.5.3
ABR Flow Control Setup
Follow these steps to setup ABR flow control:
1. Initialize the ABR data structure: RCT, TCT, RCT-ABR protocol-specific, TCTE-ABR
protocol-specific.
2. Initialize ABR global parameters in the parameter RAM. See Section 31.10.1, “Parameter RAM.”
3. Program the AAL-type in the RCT and TCT to AAL5 and set TCT[ABRF].
NOTE
ABR flow control is available only with AAL5.
4. The time stamp timer generates the RM cell’s time stamp, which the ABR flow control monitors
to maintain source behavior in steps #3 and #7 of Section 31.5.1.1, “ABR Flow Control Source
End-System Behavior.” Enable the time stamp timer by writing to the RTSCR; see Section 14.3.8,
“RISC Time-Stamp Control Register (RTSCR).”
5. Initialize the ABR parameters (CPS_ABR and LINE_RATE_ABR) in the APCT; see
Section 31.10.4.1, “APC Parameter Tables.” Note that when using ABR, the CPS (cells per slot)
parameter in the APCPT should be a power of two.
6. Finally, send the ATM TRANSMIT command to restart channel transmission.
31.6
OAM Support
This section describes the MPC8280’s support for ATM-layer (F4 out-of-band, and F5 in-band) operations
and maintenance (OAM) of connections. Alarm surveillance, continuity checking, remote defect
indication, and loopback cells are supported using OAM receive and transmit AAL0 cell queues. Using
dedicated support, performance management block tests can be performed on up to 64 connections
simultaneously. The CP automatically inserts forward monitoring cells (FMC) and generates
backward-reporting cells (BRC) as recommended by ITU I.610.
31.6.1
ATM-Layer OAM Definitions
Table 31-8 lists pre-assigned header values at the user-network interface (UNI).
Table 31-8. Pre-Assigned Header Values at the UNI
Use
GFC
VPI
VCI
PTI
CLP
Segment OAM F4 flow cell
xxxx
aaaa_aaaa
0000_0000_0000_0011
0a0
a
End-to-end OAM F4 flow cell
xxxx
aaaa_aaaa
0000_0000_0000_0100
0a0
a
Segment OAM F5 flow cell
xxxx
aaaa_aaaa
aaaa_aaaa_aaaa_aaaa
100
a
End-to-end OAM F5 flow cell
xxxx
aaaa_aaaa
aaaa_aaaa_aaaa_aaaa
101
a
a = available for use by the appropriate ATM layer function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com