Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 991 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 991 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 987Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 988Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 989Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 990Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 991Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 992Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 993Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 994Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 995Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 991 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-31
Before the BRC is transferred to the transmit raw cell queue, the PM function type should be changed to
backward reporting and additional checking should be done regarding the BLER field. If the sequence
numbers (MCSN) of the last two FMCs are not sequential or the differences between the last two TUCs
and the last two TRCCs are not equal, BLER should be set to all ones (see the ITU I.610 recommendation).
NOTE
TRCCs are free-running counters (modulo 65,536) that count user cells
received. The total received cells of a particular block is the difference
between TRCC values of two consecutive BRC cells. TRCC values are
taken from a VC’s performance monitoring table.
31.6.6.3
PM Block Generation
The transmitter generates the PM block. Each time the transmitted cell count parameter (TCC) in the
performance monitoring table reaches zero, the CP inserts an FMC into the user cell stream. The CP copies
the FMC header, SN-FMC, TUC
0+1, TUC0, BEDC0+1-Tx from the performance monitoring table and
inserts them into the FMC payload. The TSTP value (FMC time stamp field) is taken from the MPC8280
time stamp timer; see Section 14.3.8, “RISC Time-Stamp Control Register (RTSCR).”
The TUCs are free-running counters (modulo 65,536) that count transmitted user cells. The total
transmitted cells of a particular block is the difference between TUC values of two consecutive FMCs. The
BEDC (BIP-16, bit interleaved parity) calculation is done on the payload of all user cells of the current
tested block. The performance monitoring block can range from 1 to 2K cells, as specified in the
BLCKSIZE parameter in the performance monitoring table; see Section 31.10.3, “OAM Performance
Monitoring Tables.”
In Figure 31-18, the performance monitoring block size is 512 cells. For every 512 user cells sent, the ATM
controller automatically inserts an FMC into the regular cell stream as defined in ITU I.610. When an FMC
is received, the ATM controller adds the BRC fields to the cell payload and sends the cell to the raw cell
queue. The user can monitor the BRC cell results and transfer the cell to the transmit raw cell queue.
Figure 31-18. FMC, BRC Insertion
FMC Cell
Data Cell
Data Cell
FMC Cell
Data Cell
Data Cell
FMC Cell
512 User Cells
512 User Cells
TUC0
Source Cells
Stream
1
2
3
TSTP
BEDC
TUC0+1
TUC0
TSTP
BEDC
TUC0+1
TUC0
TSTP
BEDC
TUC0+1
BRC Cell
TUC0
Destination BRC’s
Transmit Stream
1
TUC0+1
TSTP
BLER
TRCC0
TRCC0+1
BRC Cell
TUC0
2
TUC0+1
TSTP
BLER
TRCC0
TRCC0+1
BRC Cell
TUC0
3
TUC0+1
TSTP
BLER
TRCC0
TRCC0+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com