Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 989 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 989 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 985Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 986Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 987Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 988Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 989Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 990Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 991Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 992Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 993Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 989 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-29
described in Section 31.10.2.3.3, “AAL0 Protocol-Specific TCT.” Prepare the OAM F4/F5 flow cell and
insert it in an AAL0 TxBD. Finally, issue a ATM TRANSMIT command to send the OAM cell. For multiple
PHYs, use several AAL0 channels—each PHY should have one transmit raw cell queue that is associated
with its scheduling table.
A series of OAM cells can be sent using one ATM TRANSMIT command by creating a table of AAL0
TxBDs. If the channel’s TCT[AVCF] (auto VC off) is set, the transmitter automatically removes it from
the APC (that is, it does not generate periodic transmit requests for this channel after all AAL0 BDs are
processed).
31.6.6
Performance Monitoring
A connection’s performance is monitored by inspecting blocks of cells (delimited by forward monitoring
cells) sent between connection or segment endpoints. Each FMC contains statistics about the immediately
preceding block of cells. When an endpoint receives an FMC, it adds the statistics generated locally across
the same block to produce a backward reporting cell (BRC), which is then returned to the opposite
endpoint.
The MPC8280 can run up to 64 bidirectional block tests simultaneously. When a bidirectional test is run,
FMCs are generated for one direction and checked for the opposite.
Figure 31-17 shows the FMC and BRC cell structure.
Figure 31-17. Performance Monitoring Cell Structure (FMCs and BRCs)
Table 31-10 describes performance monitoring cell fields.
Header = 5 bytes
Payload = 48 bytes
0010 = Performance Management
OAM
Cell
Type
Function
Type
GFC/ VPI
VCI
PTI
CLP HEC
Function
Specific
Fields
Reserved
VPI
44
6
45 x 8
10
CRC-10
Unused
2 octets
4 octets
1 octet
29 octets
2 octets
Time-
Stamp
Total User
Cell 0+1
2 octets
Count
1 octet
0000 = Forward Monitoring (FMC)
0001 = Backward Reporting (BRC)
Monitoring
Sequence
Number
Block
Error
Result
Total
Received
Cells 0+1
2 octets
Total User
Cell 0
Count
2 octets
Total
Received
Cells 0
Block Error
Detection
Code
(MCSN)
(TUC0+1)
(BEDC0+1)1 (TUC0)
(TSTP)
(TRCC0) 2
(BLER) 2 (TRCC0+1)2
1 BEDC
0+1 appears in FMCs only.
2 TRCC
0, BLER, and TRCC0+1 appear in BRCs only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com