Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 986 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 986 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 982Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 983Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 984Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 985Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 986Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 987Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 988Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 989Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 990Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 986 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-26
Freescale Semiconductor
31.5.2
RM Cell Structure
Table 31-7 describes the structure of the RM cell supported by the MPC8280. For more information, see
the ABR flow-control traffic management specification (TM 4.0) on the ATM Forum website.
31.5.2.1
RM Cell Rate Representation
Rates in the RM cells are represented in a binary floating-point format using a 5-bit exponent (e), a 9-bit
mantissa (m), and a 1-bit nonzero flag (nz), as shown in Figure 31-15.
The rate (in cells/second) is calculated as in Figure 31-16.
Figure 31-16. Rate Formula for RM Cells
Table 31-7. Fields and their Positions in RM Cells
Fields
Octet
Bits
Description
Value
Header
1–5
All
ATM cell header
RM-VCC
PTI=6
ID
6
All
Protocol ID
1
DIR
7
0
Direction of RM cell (0 = forward, 1 = backward)
BN
7
1
Backward notification (BN = 0, the cell was generated by the source;
BN=1, the cell was generated by the network or by the destination)
CI
7
2
Congestion indication. (1 = congestion, 0 = otherwise)
NI
7
3
No increase indication. (1 = no increase allowed, 0 = otherwise)
RA
7
4
Not used (ATM Forum ABR)
0
—
7
5–7
Reserved, should be cleared.
0
ER
8–9
All
Explicit rate; see Section 31.5.2.1
CCR
10–11
All
Current cell rate; see Section 31.5.2.1
MCR
12–13
All
Minimum cell rate; see Section 31.5.2.1
QL
14–17
All
Not used (ATM Forum ABR)
0
SN
18–21
All
Not used (ATM Forum ABR)
0
—
22–51
All
Reserved, should be cleared.
0x6A for each byte
—
52
0–5
Reserved, should be cleared.
0
CRC-10
52
6–7
CRC-10
53
All
01
2
6
7
15
0
nz
Exponent
Mantissa
Figure 31-15. Rate Format for RM Cells
Ra te
2
e
1
m
512
----------
+
⎝⎠
⎛⎞
×
nz
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com