Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 988 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 988 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 984Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 985Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 986Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 987Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 988Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 989Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 990Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 991Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 992Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 988 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-28
Freescale Semiconductor
Table 31-9 lists pre-assigned header values at the network-node interface (NNI).
31.6.2
Virtual Path (F4) Flow Mechanism
The F4 flow is designated by pre-assigned virtual channel identifiers within the virtual path. The following
two kinds of F4 flows can exist simultaneously:
•
End-to-end (identified as VCI 4)—This flow is used for end-to-end VPC operations
communications. Cells inserted into this flow can be removed only by the endpoints of the virtual
path.
•
Segment (identified as VCI 3)—This flow is used for communicating operations information
within one VPC link or among multiple interconnected VPC links. The concatenation of VPC links
is called a VPC segment. Cells inserted into this flow can be removed only by the segment
endpoints, which must remove these cells to prevent confusion in adjacent segments.
31.6.3
Virtual Channel (F5) Flow Mechanism
The F5 flow is designated by pre-assigned payload type identifiers. The following two kinds of F5 flow
can exist simultaneously:
•
End-to-end (identified by PTI = 5)—This flow is used for end-to-end VCC operations
communications. Cells inserted into this flow can be removed only by VC endpoints.
•
Segment (identified by PTI = 4)—This flow is used for communicating operations information
with the bound of one VCC link or multiple interconnected VCC links. A concatenation of VCC
links is called a VCC segment. Segment endpoints must remove these cells to prevent confusion
in adjacent segments.
31.6.4
Receiving OAM F4 or F5 Cells
OAM F4/F5 flow cells are received using the raw cell queue, described in Section 31.4.4, “Receive Raw
Cell Queue.” An F4/F5 OAM cell which does not appear in the CAM or address compression tables is
considered a misinserted cell.
31.6.5
Transmitting OAM F4 or F5 Cells
OAM F4/F5 flow cells are sent using the usual AAL0 transmit flow. For OAM F4/F5 cell transmission,
program channel one in the TCT to operate in AAL0 mode. Enable the CR10 (CRC-10 insertion) mode as
Table 31-9. Pre-Assigned Header Values at the NNI
Use
VPI
VCI
PTI
CLP
Segment OAM F4 flow cell
aaaa_aaaa_aaaa
0000_0000_0000_0011
0a0
a
End-to-end OAM F4 flow cell
aaaa_aaaa_aaaa
0000_0000_0000_0100
0a0
a
Segment OAM F5 flow cell
aaaa_aaaa_aaaa
aaaa_aaaa_aaaa_aaaa
100
a
End-to-end OAM F5 flow cell
aaaa_aaaa_aaaa
aaaa_aaaa_aaaa_aaaa
101
a
a= available for use by the appropriate ATM layer function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com