Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 990 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 990 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 986Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 987Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 988Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 989Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 990Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 991Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 992Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 993Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 994Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 990 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-30
Freescale Semiconductor
31.6.6.1
Running a Performance Block Test
For bidirectional PM block tests, FMCs are monitored at the receive side and generated at the transmit side.
The following setup is required to run a bidirectional PM block test on an active VCC:
1. Assign one of the available 64 performance monitoring tables by writing to both RCT[PMT] and
TCT[PMT] and initializing the one chosen. See Section 31.10.3, “OAM Performance Monitoring
Tables.”
2. For PM F5 segment termination set RCT[SEGF]; for PM F5 end-to-end termination set
RCT[ENDF].
3. Finally, set the channel’s RCT[PM] and TCT[PM] and the receive raw cell’s RCT[PM].
For unidirectional PM block tests:
•
For PM block monitoring only, set only the RCT fields above.
•
For PM block generation only, set only the TCT fields above.
To run a block test on a VPC, assign all the VCCs of the tested VPC to the same performance monitoring
table. Configure RCT[PMT] and TCT[PMT] to specify the performance monitoring table associated with
each F4 channel.
31.6.6.2
PM Block Monitoring
PM block monitoring is done by the receiver. After initialization (see Section 31.6.6.1), whenever a cell is
received for a VCC or VPC, the TRCC counters are incremented and the BEDC is calculated. When an
FMC is received, the CP adds the BRC fields into the cell payload (TRCC
0, TRCC0+1, BLER) and transfers
the cell to the receive raw cell queue. The user can monitor the BRC cell results and transfer the cell to the
transmit raw cell queue.
Table 31-10. Performance Monitoring Cell Fields
Field
Description
BRC
FMC
MCSN
Monitoring cell sequence number. The sequence number of the performance
monitoring cell (modulo 256).
Yes
Yes
TUC0+1
Total user cell 0+1 count. Counts all user cells (modulo 65,536) sent before the
FMC was inserted.
Yes
Yes
TUC0
Total user cell 0 count. Counts CLP = 0 user cells (modulo 65,536) sent before
the FMC was inserted.
Yes
Yes
TSTP
Time stamp. Used to indicate when the cell was inserted.
Yes
Yes
BEDC0+1
Block error detection code. Even parity over the payload of the block of user cells
sent since the last FMC.
No
Yes
TRCC0
Total received cell count 0. Counts CLP=0 user cells (modulo 65,536) received
before the FMC was received.
Yes
No
BLER
Block error result. Counts error parity bits detected by the BEDC of the received
FMC.
Yes
No
TRCC0+1
Total received cell count 0+1. Counts all user cells (modulo 65,536) received
before the FMC was received.
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com