Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 993 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 993 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 989Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 990Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 991Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 992Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 993Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 994Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 995Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 996Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 997Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 993 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-33
31.8
ATM Layer Statistics
ATM layer statistics can be used to identify problems, such as the line-bit error rate, that affect the UNI
performance. Statistics are kept in three 16-bit wrap-around counters:
•
UTOPIA error dropped cells count—Counts cells discarded due to UTOPIA errors: Rx parity
errors and short or long cells.
•
Misinserted dropped cell count—Counts cells discarded due to address look-up failure.
•
CRC10 error dropped cell count—Counts cells discarded due to CRC10 errors. (ABR only).
Counters are implemented in the dual-port RAM for each PHY device. The counters of each PHY are
located in the UNI statistics table, described in Section 31.10.7, “UNI Statistics Table.”
31.9
ATM-to-TDM Interworking
The MPC8280 supports ATM and TDM interworking. The MCCs and their corresponding SIs handle the
TDM data processing. (See Chapter 29, “Multi-Channel Controllers (MCCs),” and Chapter 15, “Serial
Interface with Time-Slot Assigner.”) The ATM controller processes the ATM data.
Possible interworking applications include the following:
•
Circuit emulation service (CES)
•
Carrying voice over ATM
•
Multiplexing several low speed services, such as voice and data, onto one ATM connection
Data forwarding between the ATM controller and an MCC can be done in two ways:
•
Core intervention. When an MCC receive buffer is full and its RxBD is closed, the MCC interrupts
the core. The core copies the MCC’s receive buffer pointer to an ATM TxBD and sets the ready bit
(TxBD[R]). Similarly, when an ATM receive buffer is full and its RxBD is closed, the core services
the ATM controller’s interrupt by copying the ATM receive buffer pointer to an MCC TxBD and
setting TxBD[R]. This mode is useful when additional core processing is required.
•
Automatic data forwarding. This mode enables automatic data forwarding between AAL1/AAL0
and transparent mode over a TDM interface.
31.9.1
Automatic Data Forwarding
The basic concept of automatic data forwarding is to program the ATM controller and the MCC to process
the same BD table, as shown in Figure 31-21.
16-bit
4-bit
12-bit
16-bit
CAM data in field:
UEAD
PHY addr
VPI
VCI
015 16
19
20
31 32
47
Figure 31-20. External CAM Address in UDC Extended Address Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com