Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 997 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 997 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 993Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 994Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 995Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 996Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 997Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 998Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 999Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1000Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1001Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 997 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-37
0x44
UDC_TMP_BASE
Hword UDC mode only. Points to a total of 64 bytes reserved dual-port RAM area
used by the CP. Should be 64-byte aligned. User-defined offset from
dual-port RAM base.
0x46
INT_RCT_BASE
Hword Internal receive connection table base. User-defined offset from dual-port
RAM base.
0x48
INT_TCT_BASE
Hword Internal transmit connection table base. User-defined offset from
dual-port RAM base.
0x4A
INT_TCTE_BASE
Hword Internal transmit connection table extension base. User-defined offset
from dual-port RAM base.
0x4C
—
Word
Reserved, should be cleared.
0x50
EXT_RCT_BASE
Word
External receive connection table base. User-defined.
0x54
EXT_TCT_BASE
Word
External transmit connection table base. User-defined.
0x58
EXT_TCTE_BASE
Word
External transmit connection table extension base. User-defined.
0x5C
UEAD_OFFSET
Hword User-defined cells mode only. Offset to the user-defined extended
address (UEAD) in the UDC extra header. Must be an even address. See
Section 31.10.1.1, “Determining UEAD_OFFSET (UEAD Mode Only).”
If RCT[BO] = 01, UEAD_OFFSET should be in little-endian format. For
example, if the UEAD entry is the first half word of the extra header in
external memory, UEAD_OFFSET should be programmed to 2 (second
half word entry in dual-port RAM).
0x5E
—
Hword Reserved, should be cleared.
0x60
PMT_BASE
Hword Performance monitoring table base. User-defined offset from dual-port
RAM base.
0x62
APCP_BASE
Hword APC parameter table base address. User-defined offset from dual-port
RAM base.
0x64
FBT_BASE
Hword Free buffer pool parameter table base. User-defined offset from dual-port
RAM base.
0x66
INTT_BASE
Hword Interrupt queue parameter table base. User-defined offset from dual-port
RAM base.
0x68
—
—
Reserved, should be cleared.
0x6A
UNI_STATT_BASE
Hword UNI statistics table base. User-defined offset from dual-port RAM base.
Note that this must be set up according to Section 29.10.7, “UNI Statistics
Table>” It is not optional.
0x6C
BD_BASE_EXT
Word
BD table base address extension. BD_BASE_EXT[0–7] holds the 8
most-significant bits of the Rx/Tx BD table base address.
BD_BASE_EXT[8–31] should be zero. User-defined.
0x70
VPT_BASE /
EXT_CAM_BASE
Word
Base address of the address compression VP table/external CAM.
User-defined.
0x74
VCT_BASE
Word
Base address of the address compression VC table. User-defined.
0x78
VPT1_BASE /
EXT_CAM1_BASE
Word
Base address of the address compression VP1 table/EXT CAM1.
User-defined.
Table 31-11. ATM Parameter RAM Map (continued)
Offset1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com