Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1000 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1000 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 996Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 997Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 998Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 999Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1000Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1001Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1002Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1003Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1004Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1000 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-40
Freescale Semiconductor
31.10.1.3 Global Mode Entry (GMODE)
Figure 31-23 shows the layout of the global mode entry (GMODE).
Table 31-14 describes GMODE fields.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Field
0
0
GBL
0
0
0
ALB CTB REM
0
IMA_EN1
1 MPC8264 and MPC8266 only.
UEAD
CUAB EVPT
0
ALM
Figure 31-23. Global Mode Entry (GMODE)
Table 31-14. GMODE Field Descriptions
Bits
Name
Description
0–1
—
Reserved, should be cleared.
2
GBL
Global. Asserting GBL enables snooping of connection tables and address compression tables.
GBL should not be asserted if any of the related DMAs will access the local bus.
3–5
—
Reserved, should be cleared.
6
ALB
Address look up bus for CAM or address compression tables
0 Reside on the 60x bus.
1 Reside on the local bus.
7
CTB
External connection tables bus
0 Reside on the 60x bus.
1 Reside on the local bus.
8REM1
Receive emergency mode
0 Enable REM operation. When the receive FIFO is full, the ATM transmitter stops sending data
cells until the receiver emergency state is cleared (FIFO not full). The transmitter pace is
maintained, although a small CDV may be introduced. This mode enables the receiver to receive
bursts of cells above the steady state performance.
1 Disable REM operation. Note that to check system performance the user may want to set this bit.
9–10
—
Reserved, should be cleared.
10
IMA_E
N
MPC8264 and MPC8266 only: Enable the associated FCC in IMA mode.
0 Default. FCC Enabled in normal ATM mode
1 FCC enabled in IMA mode
Note that individual PHYs of those IMA-mode enabled FCCs may still be set for non-IMA
functionality via the IMAPHY register in the IMA root table.
11
UEAD
User-defined cells extended address mode. See Section 31.7.1, “UDC Extended Address Mode
(UEAD).”
0 Disable UEAD mode.
1 Enable UEAD mode.
12
CUAB
Check unallocated bits
0 Do not check unallocated bits during address compression.
1 Check unallocated bits during address compression.
13
EVPT
External address compression VP table
0 VP table resides in dual-port RAM.
1 VP table reside in external memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com