Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 998 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 998 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 994Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 995Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 996Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 997Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 998Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 999Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1000Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1001Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1002Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 998 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-38
Freescale Semiconductor
0x7C
VCT1_BASE
Word
Base address of the address compression VC1 table. User-defined.
0x80
VP_MASK
Hword VP mask for address compression lookup. User-defined.
0x82
VCIF
Hword VCI filtering enable bits. When cells with VCI = 3, 4, 6, 7-15 are received
and the associated VCIF bit = 1 the cell is sent to the raw cell queue.
VCIF[0–2, 5] should be zero. See Section 31.10.1.2, “VCI Filtering
(VCIF).”
0x84
GMODE
Hword Global mode. User-defined. See Section 31.10.1.3, “Global Mode Entry
(GMODE).”
0x86
COMM_INFO
Hword The information field associated with the last host command.
User-defined. See Section 31.14, “ATM Transmit Command.”
0x88
Hword
0x8A
Hword
0x8C
—
Word
Reserved, should be cleared.
0x90
CRC32_PRES
Word
Preset for CRC32. Initialize to 0xFFFF_FFFF.
0x94
CRC32_MASK
Word
Constant mask for CRC32. Initialize to 0xDEBB_20E3.
0x98
AAL1_SNPT_BASE
Hword AAL1 SNP protection look-up table base address. (AAL1 CES only.) The
32-byte table resides in dual-port RAM. AAL1_SNPT_BASE must be
halfword-aligned. User-defined offset from dual-port RAM base. See
Section 31.10.6, “AAL1 Sequence Number (SN) Protection Table.”
0x9A
—
Hword Reserved, should be cleared.
0x9C
SRTS_BASE
Word
External SRTS logic base address. AAL1 CES only. Should be 16-byte
aligned. The four least-significant bits are taken from SRTS_DEV in the
AAL1-specific area of the connection table entries.
0xA0
IDLE/UNASSIGN_BASE Hword Idle/unassign cell base address. Points to dual-port RAM area contains
idle/unassign cell template (little-endian format). Should be 64-byte
aligned. User-defined offset from dual-port RAM base. The ATM header
should be 0x0000_0000 or 0x0100_0000 (CLP=1).
0xA2
IDLE/UNASSIGN_SIZE
Hword Idle/unassign cell size. 52 in regular mode; 53–64 in UDC mode.
0xA4
EPAYLOAD
Word
Reserved payload. Initialize to 0x6A6A_6A6A.
0xA8
Trm
Word
(ABR only) The upper bound on the time between F-RM cells for an active
source. TM 4.0 defines the Trm period as 100 msec. The Trm value is
defined by the system clock and the time stamp timer prescaler; see
Section 14.3.8, “RISC Time-Stamp Control Register (RTSCR).” For time
stamp prescalar of 1µs, program Trm to be 100 ms/1µs = 100,000.
0xAC
Nrm
Hword (ABR only) Controls the maximum cells the source may send for each
F-RM cell. Set to 32 cells.
0xAE
Mrm
Hword (ABR only) Controls the bandwidth between F-RM, B-RM and user data
cell. Set to 2 cells.
Table 31-11. ATM Parameter RAM Map (continued)
Offset1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com