Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1002 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1002 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 998Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 999Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1000Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1001Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1002Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1003Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1004Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1005Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1006Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1002 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-42
Freescale Semiconductor
a VC when sending a ATM TRANSMIT command, initiating the external CAM or address compression
tables, and when the CP sends an interrupt to an interrupt queue.
Example:
Suppose a configuration supports 1,024 regular ATM channels. To allocate 4 Kbytes of dual-port RAM
space to the internal connection table, determine that channel codes 0–63 are internal (64 VCs
× 64 bytes
(RCT and TCT) = 4 K). Channels 0–1 are reserved. The remaining 962 (1024 - 62) external channels are
assigned channel codes 256–1217. See Figure 31-24.
Figure 31-24. Example of a 1024-Entry Receive Connection Table
The general formula for determining the real starting address for all internal and external connection table
entries is as follows:
Connection table base address + (channel code
× 32)
Thus, the real starting address of the RCT entry associated with channel code 3 is as follows:
INT_RCT_BASE+ (3
× 32) = INT_RCT_BASE + 96
Even though it produces a gap in the connection table, the first external channel’s real starting address of
the RCT entry (channel code 256) is as follows:
EXT_RCT_BASE+ (256
× 32) = EXT_RCT_BASE + 8192
See Section 31.10.1, “Parameter RAM,” to find all the connection table base address parameters. (The
transmit connection table base address parameters are INT_TCT_BASE, EXT_TCT_BASE,
INT_TCTE_BASE, and EXT_TCTE_BASE.)
Dual-Port RAM
INT_RCT_BASE
Reserved
RCT2
RCT3
RCT63
External Memory
EXT_RCT_BASE
RCT256
RCT257
RCT258
RCT259
RCT1217
Raw Cell (AAL0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com