Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1005 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1005 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1001Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1002Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1003Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1004Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1005Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1006Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1007Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1008Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1009Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1005 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-45
0x02
0
—
Internal use only. Should be cleared.
1
INF
(AAL5 only) Indicates the receiver state. Initialize to 0
0 In idle state.
1 In AAL5 frame reception state.
2–11
—
Internal use only. Should be cleared.
12
ABRF
(AAL5 only). Controls ABR flow.
0 ABR flow control is disabled.
1 ABR flow control is enabled.
13–15
AAL
AAL type
000 AAL0—Reassembly with no adaptation layer
001 AAL1—ATM adaptation layer 1 protocol
010 AAL5—ATM adaptation layer 5 protocol
100 AAL2—ATM adaptation layer 2 protocol. Refer to Chapter 33, “ATM AAL2.”
101 AAL1_CES—Refer to Chapter 32, “ATM AAL1 Circuit Emulation Service.”
All others reserved.
0x04
—
RxDBPTR
Receive data buffer pointer. Holds real address of current position in the Rx buffer.
0x08
—
Cell Time
Stamp
Used for reassembly time-out. Whenever a cell is received, the MPC8280 time stamp
timer is sampled and written to this field. See Section 14.3.8, “RISC Time-Stamp
Control Register (RTSCR).”
0x0C
—
RBD_Offset RxBD offset from RBD_BASE. Points to the channel’s current BD. User-initialized to
0; updated by the CP.
0x0E–0x18
—
Protocol-specific area.
0x1A
—
MRBLR
Maximum receive buffer length. Used in both static and dynamic buffer allocation.
0x1C
0–1
—
Reserved, should be cleared.
2–7
PMT
Performance monitoring table. Points to one of the available 64 performance
monitoring tables. The starting address of the table is PMT_BASE+PMT
× 32. Can be
changed on-the-fly.
8–15
RBD_BASE RxBD base. Points to the first BD in the channel’s RxBD table. The 8 most-significant
bits of the address are taken from BD_BASE_EXT in the parameter RAM. The four
least-significant bits of the address are taken as zeros.
0x1E
0–11
12–14
—
Reserved, should be cleared.
15
PM
Performance monitoring. Can be changed on-the-fly.
0 No performance monitoring for this VC.
1 Perform performance monitoring for this VC. Whenever a cell is received for this VC
the performance monitoring table that its code is written in the PMT field is updated.
Table 31-16. RCT Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com