Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1004 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1004 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1000Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1001Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1002Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1003Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1004Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1005Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1006Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1007Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1008Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1004 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-44
Freescale Semiconductor
Table 31-16 describes RCT fields.
Table 31-16. RCT Field Descriptions
Offset
Bits
Name
Description
0x00
0–1
—
Reserved, should be cleared.
2
GBL
Global. Asserting GBL enables snooping of data buffers, BD, interrupt queues and
free buffer pool.
3–4
BO
Byte ordering—used for data buffers.
00 Reserved
01 Munged little endian
1x Big endian
5
—
Reserved, should be cleared.
6
DTB
Data buffers bus
0 Data buffers reside on the 60x bus.
1 Data buffers reside on the local bus.
7
BIB
BD, interrupt queues, free buffer pool and external SRTS logic bus
0 Reside on the 60x bus.
1 Reside on the local bus.
Note that when using AAL5 or AAL1 CES in UDC mode, BDs must be placed on the
same bus (RCT[DTB] = RCT[BIB]). This is necessary because in UDC mode the
user-defined header, which is part of the cell data, is read using the same bus
configuration (byte ordering and bus type) as the payload. Therefore, if data is placed
on the 60x bus and the BD on the local bus, the SDMA accesses the UDC header on
the 60x bus with the address of the local bus.
8
—
Reserved, should be cleared.
9
BUFM
Buffer mode. (AAL5 only) See Section 31.10.5.3, “ATM Controller Buffers.”
0 Static buffer allocation mode. Each BD is associated with a dedicated buffer.
1 Global buffer allocation mode. Free buffers are fetched from global free buffer pools.
10
SEGF
OAM F5 segment filtering
0 Do not send cells with PTI = 100 to the raw cell queue.
1 Send cells with PTI = 100 to the raw cell queue.
11
ENDF
OAM F5 end-to-end filtering
0 Do not send cells with PTI=101 to the raw cell queue.
1 Send cells with PTI=101 to the raw cell queue.
12–13
—
Reserved, should be cleared.
14–15
INTQ
Points to one of four interrupt queues available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com