Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1006 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1006 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1002Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1003Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1004Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1005Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1006Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1007Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1008Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1009Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1010Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1006 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-46
Freescale Semiconductor
31.10.2.2.1
AAL5 Protocol-Specific RCT
Figure 31-26 shows the AAL5 protocol-specific area of an RCT entry.
Table 31-17 describes AAL5 protocol specific RCT fields.
0
15
Offset + 0x0E
TML
Offset + 0x10
RX CRC
Offset + 0x12
Offset + 0x14
RBDCNT
Offset + 0x16
—
Offset + 0x18
—
RXBM RXFM
—
BPOOL
Figure 31-26. AAL5 Protocol-Specific RCT
Table 31-17. RCT Settings (AAL5 Protocol-Specific)
Offset
Bits
Name
Description
0x0E
—
TML
Total message length. This field is used by the CP.
0x10
—
RxCRC
CRC32 temporary result.
0x14
—
RBDCNT
RxBD count. Indicates how may bytes remain in the current Rx buffer. RBDCNT is
initialized with MRBLR whenever the CP opens a new buffer.
0x16
—
—
Reserved, should be cleared.
0x18
0–7
—
Reserved, should be cleared.
8
RXBM
Receive buffer interrupt mask. Determines whether the receive buffer event is
disabled. Can be changed on-the-fly.
0 The event is disabled for this channel. (The RXB event is not sent to the interrupt
queue when receive buffers are closed.)
1 The event is enabled for this channel.
9
RXFM
Receive frame interrupt mask. Determines whether the receive frame event is
disabled. Can be changed on-the-fly.
0 The event is disabled for this channel. (RXF event is not sent to the interrupt queue.)
1 The event is enabled for this channel.
10–13
—
Reserved, should be cleared.
14–15
BPOOL
Buffer pool. Global buffer allocation mode only. Points to one of four free buffer pools.
See Section 31.10.5.2.4, “Free Buffer Pool Parameter Tables.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com