Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1010 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1010 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1006Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1007Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1008Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1009Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1010Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1011Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1012Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1013Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1014Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1010 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-50
Freescale Semiconductor
31.10.2.2.5
AAL1 CES Protocol-Specific RCT
Refer to Section 32.9.1.1, “AAL1 CES Protocol-Specific RCT.”
31.10.2.2.6
AAL2 Protocol-Specific RCT
Refer to Section 33.4.4.1, “AAL2 Protocol-Specific RCT.”
31.10.2.3 Transmit Connection Table (TCT)
Figure 31-30 shows the format of an TCT entry.
0x18
0–7
—
Reserved, should be cleared.
8
RXBM
Receive buffer interrupt mask
0 The receive buffer event of this channel is masked. (The RXB event is not sent to the
interrupt queue when receive buffers are closed.)
1 The receive buffer event of this channel is enabled.
9–15
—
Reserved, should be cleared.
01234567
8
9
10
11
12
13
14
15
Offset + 0x00
—
GBL
BO
—
DTB
BIB AVCF
—
ATT
CPUU VCON
INTQ
Offset + 0x02
—
INF
—
ABRF
AAL
Offset + 0x04
Tx Data Buffer Pointer (TXDBPTR)
Offset + 0x06
Offset + 0x08
TBDCNT
Offset + 0x0A
TBD_OFFSET
Offset + 0x0C
Rate Remainder
PCR Fraction
Offset + 0x0E
PCR
Offset + 0x10
Protocol Specific
• For AAL5,Section 31.10.2.3.1, “AAL5 Protocol-Specific TCT.”
• For AAL2, Section 33.3.5.1, “AAL2 Protocol-Specific TCT.”
• For AAL1, Section 31.10.2.3.2, “AAL1 Protocol-Specific TCT.”
• For AAL1 CES, Section 32.9.2.1, “AAL1 CES Protocol-Specific TCT”
• For AAL0, Section 31.10.2.3.3, “AAL0 Protocol-Specific TCT.”
Offset + 0x12
Offset + 0x14
Offset + 0x16
APC Linked Channel (APCLC)
Offset + 0x18
ATM Cell Header (VPI,VCI,PTI,CLP)
Offset + 0x1a
Offset + 0x1C
—
PMT
TBD_BASE
Offset + 0x1E
TBD_BASE
BNM
STPT
IMK
PM
Figure 31-30. Transmit Connection Table (TCT) Entry
Table 31-20. AAL0-Specific RCT Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com