Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1013 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1013 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1009Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1010Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1011Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1012Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1013Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1014Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1015Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1016Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1017Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1013 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-53
31.10.2.3.1
AAL5 Protocol-Specific TCT
Figure 31-31 shows the AAL5 protocol-specific TCT.
Table 31-22 describes AAL5 protocol-specific TCT fields.
0x1C
0–1
—
Reserved, should be cleared.
2–7
PMT
Performance monitoring table. Points to one of the available 64 performance monitoring
tables. The starting address of the table is PMT_BASE+PMT
× 32. Can be changed
on-the-fly.
8–15
TBD_BASE TxBD base. Points to the first BD in the channel’s TxBD table. The 8 most-significant bits
of the address are taken from BD_BASE_EXT in the parameter RAM. The four
least-significant bits of the address are taken as zero.
0x1E
0–11
12
BNM
Buffer-not-ready interrupt mask. Can be changed on-the-fly.
0 The transmit buffer-not-ready event of this channel is masked. (TBNR event is not
sent to the interrupt queue.)
1 The buffer-not-ready event of this channel is enabled.
13
STPT
Stop transmit. Should be cleared initially. When the host sets this bit, the CP deactivates
this channel and clears TCT[VCON] when the channel is next encountered in the APC
scheduling table. Note that for AAL5 if STPT is set and frame transmission is already
started (TCT[INF]=1), an abort indication will be sent (last cell with zero length field).
0x1E
14
IMK
Interrupt mask. Can be changed on-the-fly.
0 The transmit buffer event of this channel is masked. (TXB event is not sent to the
interrupt queue.)
1 The transmit buffer event of this channel is enabled.
15
PM
Performance monitoring. Can be changed on-the-fly.
0 No performance monitoring for this VC.
1 Performance is monitored for this VC. When a cell is sent for this VC, the performance
monitoring table indicated in PMT field is updated.
0
15
Offset + 0x10
Tx CRC
Offset + 0x12
Offset + 0x14
Total Message Length
Figure 31-31. AAL5 Protocol-Specific TCT
Table 31-22. AAL5-Specific TCT Field Descriptions
Offset
Name
Description
0x10
Tx CRC
CRC32 temporary result.
0x14
Total Message Length
This field is used by the CP.
Table 31-21. TCT Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com