Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1014 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1014 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1010Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1011Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1012Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1013Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1014Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1015Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1016Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1017Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1018Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1014 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-54
Freescale Semiconductor
31.10.2.3.2
AAL1 Protocol-Specific TCT
Figure 31-32 shows the AAL1 protocol-specific TCT.
Table 31-23 describes AAL1 protocol-specific TCT fields.
01
23456789
10
11
12
13
14
15
Offset + 0x10
—
Valid Octet Size (VOS)
PFM SRT SPF
STF
—
SN
Offset + 0x12
SRTS_DEV
Block Size
Offset + 0x14
SRTS_TMP
Structured Pointer (SP)
Figure 31-32. AAL1 Protocol-Specific TCT
Table 31-23. AAL1 Protocol-Specific TCT Field Descriptions
Offset
Bits
Name
Description
0x10
0–1
—
Reserved, should be cleared.
2–7
VOS
Valid octet size. Partially filled cell mode only. Specifies the number of valid octets from
the beginning of the AAL1 user data field. For unstructured service, values 1-47 are
valid; for structured service, values 1-46 are valid.
8
PFM
Partially filled mode.
0 Partially filled cells mode is not used.
1 Partially filled cells mode is used. The transmitter copies only valid octets from the
buffer to the AAL1 cell. The size of the valid octets from the beginning of the AAL1
user data field is specified in the VOS (valid octet size) field.
9
SRT
Synchronous residual time stamp. Unstructured format only. The MPC8280 supports
SRTS generation using external logic. If this mode is enabled, the MPC8280 reads the
SRTS from external logic and inserts it into four cells for which SN = 1, 3, 5, or 7. The
MPC8280 reads the new SRTS from external logic every eight cells. (See
Section 31.16, “SRTS Generation and Clock Recovery Using External Logic.”)
0 SRTS mode is not used.
1 SRTS mode is used.
10
SPF
Structured pointer flag. Indicates that a structured pointer has been inserted in the
current block. The user should initialize this field to zero. Used by the CP only.
11
STF
Structured format
0 Unstructured format is used.
1 Structured format is used.
12
—
Reserved, should be cleared.
13–15
SN
Sequence number field. Used by the CP to check the incoming cells SN. Should be
cleared initially.
0x12
0–3
SRTS_DEV Used to select a SRTS device. The SRTS device address is
SRTS_BASE[0–27]+SRTS_DEV[28:31]. SRTS_BASE is taken from the parameter
RAM and is 16-byte aligned.
4–15
Block Size
Used only in structured format. Specifies the structured block size (Block Size
= 0xFFF = 4 Kbytes maximum).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com