Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1018 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1018 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1014Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1015Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1016Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1017Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1018Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1019Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1020Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1021Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1022Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1018 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-58
Freescale Semiconductor
Table 31-27 describes ABR-specific TCTE fields.
0
1
2
3
4
5
6
7
8
9
10
11121314
15
Offset + 0x00
ER-TA
Offset + 0x02
CCR-TA
Offset + 0x04
MCR-TA
Offset + 0x06 TUAR
—
CI-TA NI-TA
—
CP-TA
—
CI-VC
—
Offset + 0x08
MCR
Offset + 0x0A
UNACK
Offset + 0x0C
ACR
Offset + 0x0E ACRC
—
Offset + 0x10
RM Cell Time Stamp (RCTS)
Offset + 0x12
Offset + 0x14 FRST
—
CDF
COUNT
Offset + 0x16
ICR
Offset + 0x18
CRM
Offset + 0x1A
ADTF
Offset + 0x1C
ER
Offset + 0x1E
ER-BRM
Figure 31-36. ABR Protocol-Specific TCTE
Table 31-27. ABR-Specific TCTE Field Descriptions
Offset
Bits
Name
Description
0x00
—
ER-TA
Explicit rate–turn-around cell. Holds the ER of the last received F-RM cell. If another F-RM
cell arrives before the previous F-RM cell was turned around, this field is overwritten by the
new RM cell’s ER.
0x02
—
CCR-TA
Current cell rate–turn-around cell. Holds the CCR of the last received F-RM cell. If another
F-RM cell arrives before the previous F-RM cell was turned around, this field is overwritten
by the new RM cell’s CCR.
0x04
—
MCR-TA Minimum cell rate–turn-around cell. Holds the MCR of the last received F-RM cell. If
another F-RM cell arrives before the previous F-RM cell is turned around, this field is
overwritten by the new RM cell’s MCR.
0x06
0
TUAR
Turn-around flag. The CP sets TUAR to indicate that a new F-RM cell was received, which
causes the transmitter to send a B-RM cell whenever the ABR flow control permits. Should
be cleared initially.
1
—
Reserved, should be cleared.
2
CI-TA
Congestion indication–turn-around cell. Holds the CI of the last received F-RM cell. If
another F-RM cell arrives before the previous F-RM cell was turned around, CI-TA is
overwritten by the new RM cell’s CI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com