Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1021 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1021 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1017Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1018Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1019Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1020Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1021Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1022Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1023Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1024Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1025Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1021 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-61
Table 31-28 describes fields in the performance monitoring table.
31.10.4 APC Data Structure
The APC data structure consists of three elements: the APC parameter tables for the PHY devices, the APC
priority table, and the APC scheduling tables. See Figure 31-38.
Table 31-28. OAM—Performance Monitoring Table Field Descriptions
Offset
Bits
Name
Description
0x00
0
FMCE
Enables FMC transmission. Initialize to 1.
1
TSTE
FMC time stamp enable
0 The time stamp field of the FMC is coded with all 1’s.
1 The value of the time stamp timer is inserted into the time stamp field of the FMC.
2–4
—
Reserved, should be cleared.
5–15
BLCKSIZE
Performance monitoring block size ranging from 1 to 2,047 cells.
0x02
0–4
—
Reserved, should be cleared.
5–15
TCC
TX cell count. Used by the CP to count data cells sent. Initialize to zero.
0x04
—
TUC1
Total user cell 1. Count of CLP = 1 user cells (modulo 65,536) sent. Should be cleared
initially.
0x06
—
TUC0
Total user cell 0. Count of CLP = 0 user cells (modulo 65,536) sent. Should be cleared
initially.
0x08
—
BEDC0+1-Tx
Block error detection code 0+1–transmitted cells. Even parity over the payload of the
block of user cells sent since the last FMC. Should be cleared initially.
0x0A
—
BEDC0+1-RX Block error detection code 0+1–received cells. Even parity over the payload of the
block of user cells received since the last FMC. Should be cleared initially.
0x0C
—
TRCC1
Total received cell 1. Count of CLP = 1 user cells (modulo 65,536) received. Should
be cleared initially.
0x0E
—
TRCC0
Total received cell 0. Count of CLP = 0 user cells (modulo 65,536) received. Should
be cleared initially.
0x10
0–7
—
Reserved, should be cleared.
8–15
SN-FMC
Sequence number of the last FMC sent. Should be cleared initially.
0x12
—
—
Reserved, should be cleared.
0x14
—
PMCH
PM cell header. Holds the ATM cell header of the FMC, BRC to be inserted by the CP
into the Tx cell flow.
0x18–
0x1E
—
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com