Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1025 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1025 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1021Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1022Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1023Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1024Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1025Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1026Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1027Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1028Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1029Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1025 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-65
Figure 31-41. Transmit Buffers and BD Table Example
31.10.5.2 Receive Buffer Operation
For AAL5 channels, the user should choose to operate in static buffer allocation or in global buffer
allocation by writing to RCT[BUFM]. AAL1 CES and AAL0 channels must use static buffer allocation.
31.10.5.2.1
Static Buffer Allocation
The user prepares a table of BDs pointing to the receive buffers. The address of the first BD is put in the
channel’s RCT[RBD_BASE]. When an ATM cell arrives, the CP opens the first BD in the table and starts
filling its associated buffer with received data. When the current buffer is full, the CP increments
RBD_Offset, which is the offset to the current BD from RBD_BASE, and reads the next BD in the table.
If the BD is empty (RxBD[E] = 1), the CP continues receiving. If the BD is not empty, a busy condition
has occurred and a busy interrupt is sent to the event queue.
Figure 31-42 shows the empty bit in the RxBD tables and their associated buffers for two example ATM
channels.
Tx Buffer 1 of Channel 1
Tx Buffer 2 of Channel 1
Tx Buffer 3 of Channel 1
Tx Buffer 4 of Channel 1
Tx Buffer 5 of Channel 1
Ch1 TxBD Table
0BD 1
1BD 2
1BD 3
0BD 4
0BD 5
TBD_BASE
TBD_Offset
Note: The shaded buffers are ready to be sent; unshaded buffers are waiting to be prepared.
Ch1 TxBD Table
Pointers in the TCT
Tx Buffer 1 of Channel 4
Tx Buffer 2 of Channel 4
Tx Buffer 3 of Channel 4
Tx Buffer 4 of Channel 4
Tx Buffer 5 of Channel 4
Ch4 TxBD Table
1BD 1
0BD 2
0BD 3
0BD 4
0BD 5
TBD_BASE
TBD_Offset
Ch4 TxBD Table
Pointers in the TCT
1BD 6
BD 7
Tx Buffer 6 of Channel 4
Tx Buffer 7 of Channel 4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com