Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1022 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1022 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1018Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1019Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1020Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1021Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1022Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1023Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1024Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1025Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1026Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1022 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-62
Freescale Semiconductor
Figure 31-38. ATM Pace Control Data Structure
31.10.4.1 APC Parameter Tables
Each PHY’s APC parameter table, shown in Table 31-29, holds parameters that define the priority table
location, the number of priority levels, and other APC parameters. The table resides in the dual-port RAM.
The parameter APCP_BASE, described in Section 31.10.1, “Parameter RAM,” points to the base address
of PHY#0’s parameter table.
For multiple PHYs, the table structure is duplicated. Each table resides in 32 bytes of memory. The starting
address of each APC parameter table is given by APCP_BASE + PHY#
× 32. Note however that in slave
mode with multiple PHYs, the parameter table always resides at APCP_BASE regardless of the PHY
address.
Table 31-29. APC Parameter Table
Offset1
Name
Width
Description
0x00
APCL_FIRST
Hword Address of first entry in the priority table. Must be 8-byte aligned.
User-initialized.
0x02
APCL_LAST
Hword Address of last entry in the priority table. Must be 8-byte aligned. User-initialized
as APCL_FIRST + 8 x (number_of_priorities - 1).
0x04
APCL_PTR
Hword Address of current priority entry used by the CP. User-initialized with
APCL_FIRST.
0x06
CPS
Byte
Cells per slot. Determines the number of cells sent per APC slot. See
Section 31.3.2, “APC Unit Scheduling Mechanism.” User-defined. (0x01 = 1 cell;
0xFF = 255 cells.)
Note: If ABR is used, CPS must be a power of two.
0x07
CPS_CNT
Byte
Cells sent per APC slot counter. User-initialized to CPS; used by the CP.
0x08
MAX_ITERATION
Byte
Max iteration allowed. Number of scan iterations allowed in the APC.
User-defined. This parameter limits the time spent in a single APC routine,
thereby avoiding excessive APC latency.
Priority 1
APC Priority Table
APC Parameter Tables
Parameter Table
PHY #0
Parameter Table
PHY #1
Parameter Table
PHY #31
Priority 2
Priority 3
Priority 4
Priority 5
Priority 6
Priority 7
Priority 8
APC Scheduling Tables
Priority 1 Scheduling Table
Priority 2 Scheduling Table
Priority 3 Scheduling Table
Priority 4 Scheduling Table
Priority 5 Scheduling Table
Priority 6 Scheduling Table
Priority 7 Scheduling Table
Priority 8 Scheduling Table
Note: The shaded areas represent the active structures for an example implementation of PHY #0 with two
priorities. (The unshaded areas and dashed arrows represent unused structures.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com