Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1019 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1019 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1015Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1016Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1017Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1018Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1019Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1020Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1021Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1022Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1023Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1019 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-59
3
NI-TA
No increase–turn-around cell. Holds the NI of the last received F-RM cell. If another F-RM
cell arrives before the previous one was turned around, NI-TA is overwritten by the new RM
cell’s NI.
4–6
—
Reserved, should be cleared.
7
CP-TA
Cell loss priority–turn-around cell. Holds the CLP of the last received F-RM cell. If another
F-RM cell arrives before the previous one was turned around, CP-TA is overwritten by the
new RM cell’s CLP.
8–9
—
Reserved, should be cleared.
10
CI-VC
Congestion indication -VC. Holds the EFCI (explicit forward congestion indication) of the
last user data cell. The CI bit of the turned around RM cell is ORed with the CI-VC. Should
be cleared initially.
11–15
—
Reserved, should be cleared.
0x08
—
MCR
Minimum cell rate Holds the minimum number of cells/sec of the current ABR channel.
Uses the ATMF TM 4.0 floating-point format.
0x0A
—
UNACK
Used by the CP to count F-RM cells sent in an absence of received B-RM cells. Should be
cleared initially.
0x0C
—
ACR
Allowed cell rate The cells per second allowed for the current ABR channel. Uses the ATMF
TM 4.0 floating-point format. Initialize with ICR.
0x0E
0
ACRC
ACR change. Indicates a change in ACR. Initialize to one.
1–15
—
Reserved, should be cleared.
0x10
—
RCTS
RM cell time stamp. Used exclusively by the CP. Initialize to zero.
0x14
0
FRST
First turn. Used exclusively by the CP. Indicates the first turn of a backward RM cell, which
has priority over a data cell. Initialized to 0.
1–3
—
Reserved, should be cleared.
4–7
CDF
Cutoff decrease factor. Controls the decrease in the ACR associated with missing B-RM
cells feedback. CDF represents a negative exponent of two, that is, the cutoff decrease
factor = 2-CDF. The cutoff decrease factor ranges from 1/64 (CDF=0b0110) to 1
(CDF=0b0000). All other CDF values falling outside this range are invalid.
8–15
COUNT
Count. Used only by the CP. Holds the number of cells sent since the last forward RM cell.
Initialize with Nrm (in the parameter RAM).
0x16
—
ICR
Initial cell rate. The number of cells per second of the current ABR channel. The channel’s
ACR is initialized with ICR. ICR uses the ATMF TM 4.0 floating-point format.
0x18
—
CRM
Missing RM cells count. Limits the number of forward RM cells that may be sent in the
absence of received backward RM cell. The CRM is in units of cells.
0x1A
—
ADTF
ADTF–ACR decrease time factor. The ADTF period is 500 ms as defined in the TM 4.0.
The ADTF value is defined by the system clock and the time stamp timer prescaler; see
Section 14.3.8, “RISC Time-Stamp Control Register (RTSCR).” For a time stamp prescaler
of 1 µs, ADTF should be programmed to 500m/(1µs
× 1024)= 488.
Table 31-27. ABR-Specific TCTE Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com