Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1016 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1016 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1012Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1013Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1014Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1015Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1016Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1017Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1018Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1019Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1020Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1016 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-56
Freescale Semiconductor
31.10.2.3.6
VBR Protocol-Specific TCTE
Figure 31-34 shows the VBR protocol-specific TCTE.
Table 31-25 describes VBR protocol-specific TCTE fields.
01
7
8
15
Offset + 0x00
SCR
Offset + 0x02
Burst Tolerance (BT)
Offset + 0x04
Out of Buffer Rate (OOBR)
Offset + 0x06
Sustain Rate Remainder (SRR)
SCR Fraction (SCRF)
Offset + 0x08
Sustain Rate (SR)
Offset + 0x0A
Offset + 0x0C VBR2
—
Offset + 0x0E-1E
—
Figure 31-34. Transmit Connection Table Extension (TCTE)—VBR Protocol-Specific
Table 31-25. VBR-Specific TCTE Field Descriptions
Offset
Bits
Name
Description
0x00
—
SCR
Sustain cell rate. Holds the sustain cell rate (in slots) permitted for this channel according
to the traffic contract. To pace the channel’s sustain cell rate, the APC performs a
continuous-state leaky bucket algorithm (GCRA).
0x02
—
BT
Burst tolerance. Holds the burst tolerance permitted for this channel according to the traffic
contract. The relationship between the BT and the maximum burst size (MBS) is
BT=(MBS-2)
× (SCR-PCR) + SCR.
0x04
—
OOBR Out-of-buffer rate. In out of buffer state (when the transmitter tries to open TxBD whose R
bit is not set) the APC reschedules the current channel according to OOBR rate.
0x06
0–7
SRR
Sustain rate remainder. Holds the sustain rate remainder after adding the pace fraction
field to the additive channel sustain rate. Used by the APC to calculate the channel GCRA
(leaky bucket) state. Initialized to 0.
8–15
SCRF
Holds the sustain cell rate fraction of this channel in units of 1/256 slot.
0x08
—
SR
Sustain rate. Used by the APC to hold the sustain rate after adding the pace field to the
additive channel sustain rate. Used by the APC to calculate the channel GCRA (leaky
bucket) state.
0x0C
0
VBR2
VBR type
0 Regular VBR. CLP=0+1 cells are rescheduled by PCR or SCR according to the GCRA
state.
1 VBR Type 2. CLP=0 cells are rescheduled by PCR or SCR according to the GCRA state.
CLP=1 cells are rescheduled by PCR.
1–15
—
Reserved, should be cleared.
0x0E–
0x1E
—
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com