Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1015 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1015 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1011Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1012Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1013Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1014Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1015Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1016Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1017Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1018Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1019Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1015 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-55
31.10.2.3.3
AAL0 Protocol-Specific TCT
Figure 31-33 shows the AAL0 protocol-specific TCT.
Table 31-24 describes AAL0 protocol-specific TCT fields.
31.10.2.3.4
AAL1 CES Protocol-Specific TCT
Refer to Section 32.9.2.1, “AAL1 CES Protocol-Specific TCT.”
31.10.2.3.5
AAL2 Protocol-Specific TCT
Refer to Section 33.3.5.1, “AAL2 Protocol-Specific TCT.”
0x14
0–3
SRTS_TMP Before a cell with SN = 1 is sent, the CP reads the SRTS code from external SRTS logic,
writes it to SRTS_TMP, and then inserts SRTS_TMP into the next four cells with an odd
SN.
4–15
SP
Structured pointer. Used by the CP to calculate the structured pointer. Should be
cleared initially. Structured format only.
0
7
8
9
10
11
12
15
Offset + 0x10
—
0
CR10
—
ACHC
—
Offset + 0x12
—
Offset + 0x14
Figure 31-33. AAL0 Protocol-Specific TCT
Table 31-24. AAL0-Specific TCT Field Descriptions
Offset
Bits
Name
Description
0x10
0–7
—
Reserved, should be cleared.
8
0
Must be 0.
9
CR10
CRC-10
0 CRC10 insertion is disabled.
1 CRC10 insertion is enabled.
10
—
Reserved, should be cleared.
11
ACHC
ATM cell header change
0 Normal operation ATM cell header is taken from AAL0 buffer.
1 VPI/VCI (28 bits) are taken from TCT.
12–15
—
Reserved, should be cleared.
0x12–0x14
—
—
Reserved, should be cleared.
Table 31-23. AAL1 Protocol-Specific TCT Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com