Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1011 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1011 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1007Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1008Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1009Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1010Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1011Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1012Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1013Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1014Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1015Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1011 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-51
Table 31-21 describes general TCT fields.
Table 31-21. TCT Field Descriptions
Offset
Bits
Name
Description
0x00
0–1
—
Reserved, should be cleared.
2
GBL
Global. Asserting GBL enables snooping of data buffers, BDs, interrupt queues and free
buffer pool.
3–4
BO
Byte ordering. This field is used for data buffers.
00 Reserved
01 Power PC little endian
1x Big endian
5
—
Reserved, should be cleared.
6
DTB
Data buffer bus
0 Reside on the 60x bus.
1 Reside on the local bus.
7
BIB
BD, interrupt queue and external SRTS logic bus
0 Reside on the 60xbus.
1 Reside on the local bus.
Note: When using AAL5, AAL1 CES in UDC mode, BDs and data should be placed on
the same bus (TCT[DTB]=TCT[BIB]).
8
AVCF
Auto VC off. Determines the behavior of the APC when the last buffer associated with
this VC has been sent and no more ready buffers are in the VC’s TxBD table.
0 The APC does not remove this VC from the schedule table and continues to schedule
it to transmit.
1 The APC removes this VC from the schedule table. To continue transmission after the
host adds buffers for transmission, a new ATM TRANSMIT command is needed, which
can be issued only after the CP clears TCT[VCON].
Note: When over-subscribing UBR or UBR+ channels, set AVCF so that the CPM does
not become overloaded polling non-active VCs.
9
—
Reserved, should be cleared.
10–11
ATT
ATM traffic type
00 Peak cell-rate pacing. The host must initialize PCR and the PCR fraction. Other
traffic parameters are not used.
01 Peak and sustain cell rate pacing (VBR traffic). The APC performs a
continuous-state leaky bucket algorithm (GCRA) to pace the channel-sustain cell
rate. The host must initialize PCR, PCR fraction, SCR, SCR fraction, and BT (burst
tolerance).
10 Peak and minimum cell rate pacing (UBR+ traffic). The host must initialize PCR,
PCR fraction, MCR, MCR fraction, and MDA.
11 Reserved
12
CPUU
CPCS-UU+CPI insertion (used for AAL5 only).
0 CPCS-UU+CPI insertion disabled. The transmitter clears the CPCS-UU+CPI fields.
1 CPCS-UU+CPI insertion enabled. The transmitter reads the CPCS-UU+CPI (16-bit
entry) from external memory. It should be placed after the end of the last buffer (it
should not be included in the buffer length).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com