Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1023 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1023 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1019Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1020Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1021Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1022Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1023Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1024Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1025Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1026Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1027Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1023 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-63
31.10.4.2 APC Priority Table
Each PHY’s APC priority table holds pointers to the APC scheduling table of each priority level. It resides
in the dual-port RAM. The priority table can hold up to eight priority levels. Table 31-30 shows the
structure of a priority table entry.
31.10.4.3 APC Scheduling Tables
The APC uses APC scheduling tables (one table for each priority level) to schedule channel transmission.
A scheduling table is divided into time slots, as shown in Figure 31-39. Each slot is a half-word entry. Note
that the APC scheduling tables should be cleared before the APC unit is enabled.
Figure 31-39. The APC Scheduling Table Structure
0x09
CPS_ABR
Byte
ABR only. Cells per slot represented as a power of two. User-defined. (For
example, if CPS is 1, CPS_ABR = 0x00; if CPS is 8, CPS_ABR = 0x03.)
0x0A
LINE_RATE_ABR
Hword ABR only. The PHY line rate in cells/sec, represented in TM 4.0 floating-point
format. User-defined.
0xC
REAL_TSTP
Word
Real-time stamp pointer used internally by the APC. Should be cleared initially.
0x10
APC_STATE
Word
Used internally by the APC. Should be cleared initially.
1 Offset values are to APCP_BASE+PHY# × 32. However, in slave mode, the offset is from APCP_BASE regardless of
the PHY address.
Table 31-30. APC Priority Table Entry
Offset
Name
Width
Description
0x00
APC_LEVi_BASE Hword APC level i base address. Pointer to the first slot in the APC scheduling table for
level i. Should be half-word aligned. User-defined.
0x02
APC_LEVi_END
Hword APC level i end address. Pointer to the last slot in the APC scheduling table for
level i. Should be half-word aligned. User-defined.
0x04
APC_LEVi_RPTR Hword APC level i real-time/service pointers. APC table pointers used internally by the
APC. Initialize both pointers to APC_LEVi_BASE.
0x06
APC_LEVi_SPTR Hword
Table 31-29. APC Parameter Table (continued)
Offset1
Name
Width
Description
APC_LEVi_BASE
APC_LEVi_END
Half Word Entry
slot 0
slot 1
slot N
Control
Slot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com