Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 999 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 999 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 995Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 996Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 997Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 998Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 999Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1000Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1001Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1002Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1003Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 999 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-39
31.10.1.1 Determining UEAD_OFFSET (UEAD Mode Only)
The UEAD_OFFSET value is based on the position of the user-defined extended address (UEAD) in the
UDC extra header. Table 31-12 shows how to determine UEAD_OFFSET: first determine the
halfword-aligned location of the UEAD, and then read the corresponding UEAD_OFFSET value.
31.10.1.2 VCI Filtering (VCIF)
VCI filtering enable bits are shown in Figure 31-22.
Table 31-13 describes the operation of the VCI filtering enable bits.
0xB0
TCR
Hword (ABR only) Tag cell rate. The minimum cell rate allowed for all ABR
channels. An ABR channel whose ACR is less than TCR sends only
out-of-rate F-RM cells at TCR. Should be set to 10 cells/sec as defined in
the TM 4.0. Uses the ATMF TM 4.0 floating-point format. Note that the
APC minimum cell rate (MCR) should be at least TCR.
0xB2
ABR_RX_TCTE
Hword (ABR only) Points to total of 16 bytes reserved dual-port RAM area used
by the CP. Should be 16-byte aligned. User-defined offset from dual-port
RAM base.
—
Additional parameters
—
• For additional AAL1 CES parameters, refer to Table 32-4.
• For additional AAL2 parameters, refer to Table 33-13.
1
Offset from FCC base: 0x8400 (FCC1) and 0x8500 (FCC2); see Section 14.5.2, “Parameter RAM.”
Offset
015
16
31
0x0
UEAD_OFFSET = 0x2
UEAD_OFFSET = 0x0
0x4
UEAD_OFFSET = 0x6
UEAD_OFFSET = 0x4
0x8
UEAD_OFFSET = 0xA
UEAD_OFFSET = 0x8
Table 31-12. UEAD_OFFSETs for Extended Addresses in the UDC Extra Header
012
3
4
56789
10
11
12
13
14
15
Field
0
0
0
VC3
VC4
0
VC6 VC7 VC8 VC9 VC10 VC11 VC12 VC13 VC14 VC15
Figure 31-22. VCI Filtering Enable Bits
Table 31-13. VCI Filtering Enable Field Descriptions
Bits
Name
Description
0–2, 5
—
Clear these bits.
3, 4, 6,
7–15
VC
x
VCI filtering enable
0 Do not send cells with this VCI to the raw cell queue.
1 Send cells with this VCI to the raw cell queue.
Table 31-11. ATM Parameter RAM Map (continued)
Offset1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com