Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 996 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 996 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 992Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 993Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 994Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 995Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 996Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 997Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 998Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 999Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1000Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 996 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-36
Freescale Semiconductor
The MCC and ATM controller should be synchronized with the framer’s multi-frame block boundary. At
the ATM side, the structured block size should equal the multi-frame block size plus the size of the CAS
block so that the structured pointer, inserted by the ATM controller, points to the start of the structured data
block. At the MCC side, the MCC must to be synchronized with the super frame sync signal. This
synchronization can be achieved by external logic that triggers on the super frame sync signal and starts
delivering the frame sync to the MCC. When loss of super frame synchronization occurs, this logic should
reset and trigger again on the next super frame indication.
31.9.7
Trunk Condition
According to the Bellcore standard, the interworking function (IWF) should be able to transmit special
payload on both ATM and TDM channels to signal alarm conditions (Bellcore TR-NWT-000170). The
core can be used to generate the trunk condition payload in special buffers (or existing buffers) for the
ATM controller or MCC.
31.9.8
ATM-to-ATM Data Forwarding
Automatic data forwarding can be used to switch ATM AAL0 cells from one ATM port to another without
core intervention. The ATM receiver and transmitter should be programed to process the same BD table.
When the ATM receiver fills an AAL0 buffer, the ATM transmitter sends it. The ATM receiver and
transmitter are synchronized using the same mechanism as described for ATM-to-TDM automatic
forwarding; see Section 31.9.1, “Automatic Data Forwarding.”
31.10 ATM Memory Structure
The ATM memory structure, described in the following sections, includes the parameter RAM, the
connection tables, OAM performance monitoring tables, the APC data structure, BD tables, the AAL1
CES sequence number protection table and the UNI statistics table.
31.10.1 Parameter RAM
When configured for ATM mode, the FCC parameter RAM is mapped as shown in Table 31-11. Note that
there are additional parameters for AAL1 CES (refer to Table 32-4) and AAL2 (refer to Table 33-13).
Table 31-11. ATM Parameter RAM Map
Offset1
Name
Width
Description
0x00–0x3F
—
—
Reserved, should be cleared.
0x40
RCELL_TMP_
BASE
Hword Rx cell temporary base address. Points to a total of 64 bytes reserved
dual-port RAM area used by the CP. Should be 64 byte aligned.
User-defined offset from dual-port RAM base.
0x42
TCELL_TMP_BASE
Hword Tx cell temporary base address. Points to total of 64 bytes reserved
dual-port RAM area used by the CP. Should be 64-byte aligned.
User-defined offset from dual-port RAM base.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com