Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 981 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 981 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 977Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 978Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 979Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 980Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 981Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 982Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 983Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 984Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 985Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 981 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-21
6. When B-RM is received with CI=0 and NI=0 (no increase), ACR is increased by RIF
× PCR (rate
increase factor). The new ACR is determined first by letting ACRtemp be the min of (ACR, ER),
and then taking the max of (ACRtemp, MCR).
7. Before sending an F-RM cell, if more than ADTF (ACR decrease time factor) has elapsed since
sending the last F-RM cell, ACR is reduced to ICR. In other words, if the source does not fully use
its gained bandwidth, it loses it and resumes sending at its initial cell rate.
8. Before sending an F-RM cell and after action 7, if more than Crm F-RM cells were sent since the
last B-RM cell was received with BN=0 (backward notification), the ACR is reduced by ACR
×
CDF (cutoff decrease factor).
9. A source whose ACR is less than the tag cell rate (TCR) sends out-of-rate cells at the TCR. This
behavior is intended for sources whose rates were set to zero by the network. These sources should
periodically sense the network state by sending out-of-rate RM cells. In this case data cells will not
be sent.
10. An RM cell with an incorrect CRC10 is discarded and the UNI statistics tables are updated.
31.5.1.2
ABR Flow Control Destination End-System Behavior
The MPC8280’s implementation of ABR flow control for end-system destinations is described in the
following steps:
1. A received F-RM cell is turned around and sent as a B-RM cells.
2. The DIR field of the received F-RM cell is changed from 0 to 1 (backward DIR).
3. The CCR and MCR fields are taken from the F-RM and is not changed.
4. The CI bit of the B-RM cell is set if the previous data cell arrived with EFCI = 1 (congestion bit in
the ATM cell header).
5. The ER field of the turn around B-RM cells is limited by TCTE[ER-BRM].
6. If a F-RM cell arrives before the previous F-RM cell was turned around (for the same connection),
the new RM cell overwrites the old RM cell.
31.5.1.3
ABR Flowcharts
The MPC8280’s ABR transmit and receive flow control is described in the following flowcharts. See
Figure 31-11, Figure 31-12, Figure 31-13, and Figure 31-14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com