Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 978 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 978 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 974Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 975Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 976Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 977Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 978Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 979Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 980Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 981Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 982Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 978 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-18
Freescale Semiconductor
Figure 31-8 shows the VC pointer address compression from Table 31-6.
Figure 31-8. VC Pointer Address Compression
31.4.3
Misinserted Cells
If the address lookup mechanism cannot find a match (MS=1), the cell is discarded and ATM layer
statistics are updated, as described in Section 31.8, “ATM Layer Statistics.”
31.4.4
Receive Raw Cell Queue
Channel one in the RCT is reserved as a raw cell queue. The user should program channel one to operate
in AAL0 protocol. The receive raw cell queue is used for removing management cells from the regular cell
flow to the host. When a management cell is sent to the receive raw cell queue, the CP sets RxBD[OAM].
The ALL0 BD specifies the channel code associated with the current OAM cell.
The following are optionally removed from the regular flow and sent to the raw cell queue:
•
Segment F5 OAM (PTI = 0b100). To enable F5 segment filtering, set RCT[SEGF].
•
End-to-end F5 OAM (PTI = 0b101). To enable F5 end-to-end filtering, set RCT[ENDF].
•
RM cells (PTI = 0b110). When ABR flow is enabled the cells are terminated internally; otherwise,
they are sent to the raw cell queue.
•
Reserved PTI value (PTI = 0b111). Always sent to the raw cell queue.
•
VCI value: 3, 4, 6, 7–15. To enable VCI filtering set the associated bit in the VCIF entry in the
parameter RAM.
0
0
0
0
0
0
1
1
0
0
0
1
0
0
0
0
0
0
1
1
0
1
1
1
0
0
1
VCI
VC_MASK
VC Pointer
1
1
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com