Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 975 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 975 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 971Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 972Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 973Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 974Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 975Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 976Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 977Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 978Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 979Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 975 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-15
31.4.2
Address Compression
The address compression mechanism uses two levels of address translation to help minimize the memory
space needed to cover the available address range. The first level of translation (VP-level) uses a look-up
table based on the 4-bit PHY address and the 12-bit virtual path identifier; the second level (VC-level) uses
the 16-bit virtual channel identifier. If there is no match during address compression, the cell is considered
a misinserted cell.
During the VP-level translation, VP_MASK in the ATM parameter RAM compresses an incoming cell’s
PHY address and VPI to create an index into the VP-level table. The VP-level table entry consists of
another mask (VC_MASK) and a pointer to one of the VC-level tables (VCOFFSET). Note that the VP
table should reside in the dual-port RAM.
In the VC-level translation, the VCI is compressed with the VC_MASK to generate a pointer to the
VC-level table entry containing the received cell’s channel code. The VC table should reside in external
memory.
Figure 31-5 shows an example of address compression.
Figure 31-5. Address Compression Mechanism
Figure 31-5 shows VP_MASK selecting five VPI bits to index the VP-level table. The VP-level table entry
contains the 16-bit mask (VC_MASK) and the VC-level table offset (VCOFFSET) for the next level of
address mapping. The VC_MASK selects VCI bits 4–10, which is used with VCT_BASE and VCOFFSET
32-bit entries
VP-level addressing table
VPI
0000 00011111
VPpointer
VPT_BASE
VCOFFSET
VC_MASK
VCI
00000111 11110000
VCpointer
32-bit entries
VC-level addressing tables
VCT_BASE
VP_MASK
16 bit
16 bit
PHY Addr
0000
16 bit
12 bit
4 bit
(in external memory)
(in dual-port RAM recommended)
Ch Code[15–0]
—
16 bit
15 bit
MS
1 bit
31
0
31
0
0b00011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com