Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 974 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 974 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 970Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 971Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 972Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 973Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 974Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 975Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 976Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 977Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 978Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 974 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-14
Freescale Semiconductor
31.4.1
External CAM Lookup
An external CAM is usually used when the range of VCI/VPI values varies widely or is unknown. Clearing
GMODE[ALM] selects the external CAM address lookup mechanism. If there is no match in the external
CAM, the cell is considered a misinserted cell. The external CAM can point to internal or external channels
(channels whose connection table resides in external memory). The CAM input, shown in Figure 31-3, is
the 32-bit cell address: PHY address, GFC + VPI, and VCI.
NOTE
The bus atomicity mechanism for CAM accesses may not function correctly
when the CPM performs a DMA access to an external CAM device. This
only impacts systems in which multiple CPMs will access the CAM.
The output of the CAM, shown in Figure 31-4, is a 32-bit entry (16-bit channel code and a match-status
bit).
The external CAM fields are described in Table 31-2.
03
4
15
16
31
PHY Addr
(MPHY)
GFC + VPI
VCI
Figure 31-3. External CAM Data Input Fields
0
1
15 16
31
MS
—
Channel Code
Figure 31-4. External CAM Output Fields
Table 31-2. External CAM Input and Output Field Descriptions
Field
Description
PHY Addr
In multiple PHY mode, this field contains the 4 least-significant bits of the current channel’s physical
address. Because this CAM comparison field is limited to 4 bits, two CAM devices are needed if using
more than 16 PHYs.The msb of the PHY address (bit 4) selects between the two devices. If the msb is
zero, the CP accesses the CAM whose address is written in the EXT_CAM_BASE parameter in the
parameter RAM; if the msb is set, the CP uses EXT_CAM1_BASE. See Section 16.4.1, “CMX UTOPIA
Address Register (CMXUAR).”
In single PHY mode, clear this field.
GFC+VPI,
VCI
The GFC, VPI, and VCI of the current channel.
Ch Code
Pointer to internal or external connection table.
—
Reserved, should be cleared.
MS
Match status.
0 Match was found.
1 Match was not found.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com