Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 973 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 973 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 969Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 970Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 971Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 972Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 973Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 974Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 975Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 976Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 977Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 973 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-13
Equation D yields the number of slots the user writes to the channel’s TCT[BT].
31.3.5.3.2
Handling the Cell Loss Priority (CLP)—VBR Type 1 and 2
The MPC8280 supports two ways to schedule VBR traffic based on the cell loss priority (CLP). When
TCTE[VBR2] is cleared, CLP
0+1 cells are scheduled by PCR or SCR according to the GCRA state. When
TCTE[VBR2] is set, CLP
0 cells are still scheduled by PCR or SCR according to the GCRA state, but CLP1
cells are always scheduled by PCR. See Section 31.10.2.3.6, “VBR Protocol-Specific TCTE.”
31.3.5.4
Peak and Minimum Cell Rate Traffic Type (UBR+)
To support UBR+ channels, the APC schedules transmission according to PCR and MCR. For each
priority level, the APC maintains a parameter that monitors the traffic load measured as the time-slot delay
between the service pointer (pointing to the current time slot waiting transmission) and a real-time slot
pointer. If the transmission delay is greater than MDA (maximum delay allowed), the APC begins
scheduling channels according to the MCR parameter. If the delay, however, drops below MDA, the APC
again schedules channels according to the PCR. Note that in order to guarantee a minimum cell rate for
UBR+ channels, there must be enough bandwidth to simultaneously send all possible channels at the
MCR. See Section 31.10.2.3.7, “UBR+ Protocol-Specific TCTE.”
31.3.6
Determining the Priority of an ATM Channel
The priority mechanism is implemented by adding priority table levels, which point to separate scheduling
tables; see Section 31.10.4, “APC Data Structure.” The APC flow control services the APC_LEVEL1 slots
first. If there are no cells to send, the APC goes to the next priority level. The APC has up to eight priority
levels with APC_LEVEL8 being the lowest. The user specifies the priority of an ATM channel when
issuing the ATM TRANSMIT command; see Section 31.14, “ATM Transmit Command.”
The real-time channels, CBR and VBR-RT, should be inserted in APC_LEVEL1; non-real-time channels,
VBR-NRT, ABR, and UBR should be inserted in lower priority levels.
31.4
VCI/VPI Address Lookup Mechanism
The MPC8280 supports two ways to look up addresses for incoming cells:
•
External CAM lookup
•
Address compression
Writing to GMODE[ALM] (address-lookup-mechanism bit) in the parameter RAM selects the
mechanism. Both mechanisms are described in the following sections.
BT [slots] = (MBS[cells] - 2)
× (SCR[slots] - PCR[slots]) + SCR[slots]
(D)
= (1000 - 2)
× ((9+185/256) - (3+62/256)) + (9 +185/256)
= 6477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com