Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 977 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 977 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 973Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 974Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 975Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 976Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 977Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 978Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 979Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 980Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 981Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 977 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-17
The MPC8280 can check that all unallocated bits of the PHY + VPI are 0 by setting GMODE[CUAB]
(check unallocated bits) in the parameter RAM. If they are not, the cell is considered a misinserted cell.
Table 31-5 gives an example of VP-level table entry address calculation.
Figure 31-7 shows the VP pointer address compression from Table 31-5.
Figure 31-7. VP Pointer Address Compression
31.4.2.2
VC-Level Address Compression Tables (VCLTs)
Each VPLT entry points to a single VCLT. Like the VPLT, the size of each VCLT depends on VC_MASK.
Because the VCLT contains word entries, if VC_MASK = 0b11_1111_1111, the table is 4 Kbytes. The
address of an entry in this table is VCT_BASE + VCOFFSET
× 4 + VCpointer × 4.
The MPC8280 can check that all unallocated VCI bits are 0 by setting GMODE[CUAB] (check
unallocated bits). If they are not, the cell is considered a misinserted cell.
An example of VC-level table entry address calculation is shown in Table 31-6. Note that VCOFFSET is
assumed to be 0x100 for this example.
2
0xA007
5
25 = 32 entries
64 + 8 = 72
3
x
x
x
72 + 32 = 104
Table 31-5. VP-Level Table Entry Address Calculation Example
VPT_BASE
VP-Level Table Size
VP_MASK
PHY+VPI
VP Pointer
VP Entry Address
0x0024_0000
64 entries
0x0237
0x0011
0x09
VP Base = 0x240000
0x09 x 4 = 0x000024
0x240024
Table 31-6. VC-Level Table Entry Address Calculation Example
VCT_BASE
VCOffset
VC-Level Table Size
VC_MASK
VCI
VC Pointer
VC Entry Address
0x0084_0000
0x0100
32 entries
0x0037
0x0031
0x19
VC Base = 0x840000
0x100 x 4 = 0x000400
0x19 x 4 = 0x000064
0x840464
Table 31-4. VCOFFSET Calculation Examples for Contiguous VCLTs (continued)
VP-Level
Table Entry
VC_MASK
Number of Ones
in VC_MASK
VC-Level
Table Size
VCOFFSET
0
0
0
0
0
0
0
1
0
0
0
1
0
0
1
0
0
0
1
1
0
1
1
1
0
0
1
PHY+VPI
VP_MASK
VP Pointer
1
0
0000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com