Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 967 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 967 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 963Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 964Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 965Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 966Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 967Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 968Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 969Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 970Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 971Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 967 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-7
The receiver ATM cell size is 53–65 bytes. The cell includes: 4 bytes ATM cell header, 1 byte HEC, which
can be checked by setting FPSMR[HECC] (refer to Table 31-47), and 48 bytes payload. User-defined cells
(UDC mode) include an extra header of 1–12 bytes with an optional HEC octet. Cell transfers use the
UTOPIA level II, cell-level handshake.
Reception starts when the PHY asserts the receive cell available signal (RxCLAV) to indicate that the PHY
has a complete cell in its receive FIFO. The receiver reads a complete cell from the UTOPIA interface and
translates the header address (VP/VC) to a channel code by performing an address look-up. If no matches
are found, the cell is discarded and the user-network interface (UNI) statistics tables are updated. The
receiver uses the channel code to read the channel parameters from the receive connection table (RCT).
31.2.2.1
AAL5 Receiver Overview
The receiver copies the 48-byte cell payload to the external buffer and calculates CRC-32 on the entire
CPCS-PDU. When the last AAL5 cell arrives, the receiver checks the length, CRC-32, and
CPCS-UU+CPI fields and sets the corresponding RxBD status bits. An interrupt may be generated to one
of the four interrupt queues. The receiver copies the last cell to memory including the padding and the
AAL5 trailer. The CPCS-UU+CPI (16-bit entry) may be read directly from the AAL5 trailer.
The ATM controller monitors the CLP and CNG state of the incoming cells. When the message is closed,
these events set RxBD[CLP] and RxBD[CNG].
When no buffer is ready to receive cells (busy state), the receiver switches to hunt state and drops all cells
associated with the current frame (partial packet discard). The receiver tries to open new buffers for cell
reception only after the last cell of the discarded AAL5 frame arrives.
31.2.2.2
AAL1 Receiver Overview
The ATM controller supports both AAL1 structured and unstructured formats. For the unstructured format,
47 octets are copied to the current receive buffer. The AAL1 PDU header, which consists of the sequence
number (SN) and the sequence number protection (SNP) (CRC-3 and parity bit), is checked. The
MPC8280 supports SRTS clock recovery using an external PLL. In this mode, the MPC8280 tracks the
SRTS from the four incoming cells and writes the SRTS code to external logic. See Section 31.16, “SRTS
Generation and Clock Recovery Using External Logic.”
In the unstructured format, when the receive process begins, the receiver hunts for the first cell with a valid
sequence number (SN field). When one arrives, the receiver leaves the hunt state and starts receiving. If
an SN mismatch is detected, the receiver closes the RxBD, sets the sequence number error flag
(RxBD[SNE]), and switches to hunt state, where it stays until a cell with a valid SN field is received.
For the structured format, 47 or 46 octets are copied to the current receive buffer. The AAL1 PDU header,
which consists of SN and SNP, is checked and the PDU status is written to the BD.
In the structured format, when the receive process begins, the receiver hunts for the first cell with a valid
structured pointer to gain synchronization. When one arrives, the receiver leaves the hunt state and starts
receiving. Then the receiver opens a new buffer. The structured pointer points to the first octet of the
structured block, which then becomes the first byte of the new buffer. If an SN mismatch is detected, the
ATM receiver closes the current RxBD, sets RxBD[SNE], and returns to the hunt state. The receiver then
waits for a cell with a valid structured pointer to regain synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com