Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 948 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 948 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 944Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 945Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 946Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 947Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 948Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 949Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 950Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 951Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 952Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 948 / 1386 page
background image
Fast Communications Controllers (FCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
30-10
Freescale Semiconductor
.
30.6
FCC Buffer Descriptors
Data associated with each FCC is stored in buffers. Each buffer is referenced by a buffer descriptor (BD).
All of the transmit BDs for an FCC are grouped into a TxBD circular table with a programmable length.
Likewise, receive BDs form an RxBD table. The user can program the start address of the BD tables
anywhere in system memory. See Figure 30-6.
Figure 30-6. FCC Memory Structure
The format of transmit and receive BDs, shown in Figure 30-7, is the same for every FCC mode of
operation except ATM mode; see Section 31.10.5, “ATM Controller Buffer Descriptors (BDs).” The first
16 bits in each BD contain status and control information, which differs for each protocol. The second 16
bits indicate the data buffer length in bytes (the wrap bit is the BD table length indicator). The remaining
32-bits contain the 32-bit address pointer to the actual buffer in memory.
Table 30-4. FTODR Field Descriptions
Field
Name
Description
0
TOD
Transmit on demand
0 Normal polling.
1 The CP gives high priority to the current TxBD and begins sending the frame does without waiting
for the normal polling time to check TxBD[R]. TOD is cleared automatically.
1–15
—
Reserved, should be cleared.
Rx Buffer
Status and Control
Data Length
Buffer Pointer
FCCx RxBD
Table
FCCx TxBD
Table
System Memory
Status and Control
Data Length
Buffer Pointer
Tx Buffer
Dual-Port RAM
Rx Buffer Descriptors
Tx Buffer Descriptors
FCCx RxBD
Table Pointer
(RBASE)
FCCx TxBD
Table Pointer
(TBASE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com