Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 947 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 947 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 943Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 944Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 945Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 946Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 947Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 948Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 949Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 950Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 951Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 947 / 1386 page
background image
Fast Communications Controllers (FCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
30-9
30.5
FCC Transmit-on-Demand Registers (FTODR
x)
If no frame is being sent by the FCC, the CP periodically polls the R bit of the next TxBD to see if the user
has requested a new frame/buffer to be sent. Polling occurs every 256 serial transmit clocks. The polling
algorithm depends on the FCC configuration, as shown in the following equations:
The user, however, can request that the CP begin processing the new frame/buffer without waiting the
normal polling time. For immediate processing, after setting TxBD[R], set the transmit-on-demand (TOD)
bit in the transmit-on-demand register (FTODR) twice to activate. If TOD is set only once, the new
frame/buffer will not be transmitted until the next periodic polling request.
This feature, which decreases the transmission latency of the transmit buffer/frame, is particularly useful
in LAN-type protocols where maximum interframe GAP times are limited by the protocol specification.
Since the transmit-on-demand feature gives a high priority to the specified TxBD, it can conceivably affect
the servicing of the other FCC FIFO buffers. Therefore, it is recommended that the transmit-on-demand
feature be used only for a high-priority TxBD and when transmission on this FCC has not occurred for a
given time period, which is protocol-dependent.
If a new TxBD is added to the BD table while preceding TxBDs have not completed transmission, the new
TxBD is processed immediately after the older TxBDs are sent.
Fields in the FTODR are described in Table 30-4.
07
8
15
Field
SYN2
SYN1
Reset
0
11
11
11
00
11
11
11
0
R/W
R/W
Addr
0x1130C (FDSR1), 0x1132C (FDSR2), 0x1132C (FDSR3)
Figure 30-4. FCC Data Synchronization Register (FDSR)
01
15
Field TOD
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11308 (FTODR1), 0x11328 (FTODR2), 0x11348 (FTODR3)
Figure 30-5. FCC Transmit-on-Demand Register (FTODR)
Fast Ethernet:
256 clocks / 25 MHz = 10
µs
10BaseT:
256 clocks / 2.5 MHz = 100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com