Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 943 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 943 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 939Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 940Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 941Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 942Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 943Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 944Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 945Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 946Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 947Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 943 / 1386 page
background image
Fast Communications Controllers (FCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
30-5
3
TRX
Transparent receiver. The MPC8280 FCCs offer totally transparent operation. However, to increase
flexibility, totally transparent operation is configured with the TTX and TRX bits instead of the MODE
bits. This lets the user implement unique applications such as an FCC transmitter configured to
HDLC and a receiver configured to totally transparent operation. To do this, program MODE =
HDLC, TTX = 0, and TRX = 1.
0 Normal operation
1 The receiver operates in totally transparent mode, regardless of the protocol selected for the
transmitter in the MODE bits.
Note: Full-duplex, totally transparent operation for an FCC is obtained by setting both TTX and TRX.
Attempting to operate an FCC with Ethernet or ATM on its transmitter and transparent
operation on its receiver causes erratic behavior. In other words, if the MODE = Ethernet or
ATM, TTX must equal TRX.
4
TTX
Transparent transmitter. The MPC8280 FCCs offer totally transparent operation. However, to
increase flexibility, totally transparent operation is configured with the TTX and TRX bits instead of
the MODE bits. This lets the user implement unique applications, such as configuring an FCC
receiver to HDLC and a transmitter to totally transparent operation. To do this, program MODE =
HDLC, TTX = 1, and TRX = 0.
0 Normal operation.
1 The transmitter operates in totally transparent mode, regardless of the receiver protocol selected
in the MODE bits.
Note: Full-duplex totally transparent operation for an FCC is obtained by setting both TTX and TRX.
Attempting to operate an FCC with Ethernet or ATM on its receiver and transparent operation
on its transmitter causes erratic behavior. In other words, if GFMR[MODE] selects Ethernet
or ATM, TTX must equal TRX.
5
CDP
CD pulse (transparent mode only)
0 Normal operation (envelope mode). CD should envelope the frame; to negate CD while receiving
causes a CD lost error.
1 Pulse mode. Once CD is asserted (high to low transition), synchronization has been achieved,
and further transitions of CD do not affect reception.
Note: CDP must be set if this FCC is used with the TSA in transparent mode.
6
CTSP
CTS pulse
0 Normal operation (envelope mode). CTS should envelope the frame; to negate CTS while
transmitting causes a CTS lost error. See Section 30.11, “FCC Timing Control.”
1 Pulse mode. CTS is asserted when synchronization is achieved; further transitions of CTS do not
affect transmission. When running HDLC, the FCC samples CTS only once before sending the
first frame after the transmitter is enabled (ENT = 1).
7
CDS
CD sampling
0 The CD input is assumed to be asynchronous with the data. The FCC synchronizes it internally
before data is received. (This mode is not allowed in transparent mode when SYNL = 0b00.)
1 The CD input is assumed to be synchronous with the data, giving faster operation. In this mode,
CD must transition while the receive clock is in the low state. When CD goes low, data is received.
This is useful when connecting MPC8280s in transparent mode since it allows the RTS signal of
one MPC8280 to be connected directly to the CD signal of another MPC8280.
Table 30-2. GFMR Register Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com