Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 940 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 940 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 936Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 937Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 938Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 939Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 940Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 941Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 942Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 943Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 944Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 940 / 1386 page
background image
Fast Communications Controllers (FCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
30-2
Freescale Semiconductor
Ethernet Controller,” and Chapter 31, “ATM Controller and AAL0, AAL1, and AAL5.” The FCCs are
independent from the physical interface, but FCC logic formats and manipulates data from the physical
interface. That is why the interfaces are described separately.
The FCC is described in terms of the protocol that it is chosen to run. When an FCC is programmed to a
certain protocol, it implements a certain level of functionality associated with that protocol. For most
protocols, this corresponds to portions of the link layer (layer 2 of the seven-layer OSI model). Many
functions of the FCC are common to all of the protocols. These functions are described in the FCC
description. Following that, the implementation details that differentiate protocols from one another are
discussed, beginning with the transparent protocol. Thus, the reader should read from this point to the
transparent protocol and then skip to the appropriate protocol. Since the FCCs use similar data structures
across all protocols, the reader's learning time decreases dramatically after understanding the first protocol.
Each FCC supports a number of protocols—Ethernet, HDLC/SDLC, ATM, and totally transparent
operation. Although the selected protocol usually applies to both the FCC transmitter and receiver, half of
one FCC can run transparent operation while the other runs HDLC/SDLC protocol. The internal clocks
(RCLK, TCLK) for each FCC can be programmed with either an external or internal source. The internal
clocks originate from one of the baud-rate generators or one of the external clock signals. The limitation
of the internal clocks frequency depends on the protocol being used, see Table 30-1. See Chapter 15,
“Serial Interface with Time-Slot Assigner.” However, the FCC’s ability to support a sustained bit stream
depends on the protocol as well as on other factors.
Each FCC can be connected to its own set of pins on the MPC8280. This configuration, the nonmultiplexed
serial interface, or NMSI, is described in Chapter 15, “Serial Interface with Time-Slot Assigner.” In this
configuration, each FCC can support the standard modem interface signals (RTS, CTS, and CD) through
the appropriate port pins and the interrupt controller. Additional handshake signals can be supported with
additional parallel I/O lines. The FCC block diagram is shown in Figure 30-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com