Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 942 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 942 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 938Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 939Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 940Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 941Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 942Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 943Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 944Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 945Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 946Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 942 / 1386 page
background image
Fast Communications Controllers (FCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
30-4
Freescale Semiconductor
Table 30-2. describes GFMR fields.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Field
DIAG
TCI
TRX
TTX
CDP
CTSP CDS CTSS
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11300 (GFMR1), 0x11320(GFMR2), 0x11340(GFMR3)
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Field
SYNL
RTSM
RENC
REVD
TENC
TCRC
ENR ENT
MODE
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11302 (GFMR1), 0x11322 (GFMR2), 0x11342 (GFMR3)
Figure 30-2. General FCC Mode Register (GFMR)
Table 30-2. GFMR Register Field Descriptions
Bits
Name
Description
0–1
DIAG
Diagnostic mode.
00 Normal operation—Receive data enters through RXD, and transmit data is shifted out through
TXD. The FCC uses the modem signals (CD and CTS) to automatically enable and disable
transmission and reception. Timings are shown in Section 30.11, “FCC Timing Control.”
01 Local loopback mode—Transmitter output is connected internally to the receiver input, while the
receiver and the transmitter operate normally. RXD is ignored. Data can be programmed to
appear on TXD, or TXD can remain high by programming the appropriate parallel port register.
RTS can be disabled in the appropriate parallel I/O register. The transmitter and receiver must
use the same clock source, but separate CLK
x pins can be used if connected to the same
external clock source.
If external loopback is preferred, program DIAG for normal operation and externally connect TXD
and RXD. Then, physically connect the control signals (RTS connected to CD, and CTS
grounded) or set the parallel I/O registers so CD and CTS are permanently asserted to the FCC
by configuring the associated CTS and CD pins as general-purpose I/O.; see Chapter 41,
“Parallel I/O Ports.”
10 Automatic echo mode—The channel automatically retransmits received data, using the receive
clock provided. The receiver operates normally and receives data if CD is asserted. The
transmitter simply transmits received data. In this mode, CTS is ignored. The echo function can
also be accomplished in software by receiving buffers from an FCC, linking them to TxBDs, and
transmitting them back out of that FCC.
11 Loopback and echo mode—Loopback and echo operation occur simultaneously. CD and CTS
are ignored. Refer to the loopback bit description for clocking requirements.
For TDM operation, the diagnostic mode is selected by SI
xMR[SDMx]; see Section 15.5.2, “SI Mode
Registers (SIxMR).”
2
TCI
Transmit clock invert
0
Normal operation.
1
The FCC inverts the internal transmit clock.
The edge on which the FCC outputs the data depends on the protocol:
• In HDLC and Transparent mode, when TCI=0, data is sent on the falling edge; when TCI=1, on
the rising edge.
• In Ethernet mode, when TCI=0, data is sent on the rising edge; when TCI=1, on the falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com