Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 938 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 938 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 934Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 935Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 936Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 937Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 938Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 939Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 940Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 941Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 942Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 938 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
29-48
Freescale Semiconductor
•
A time slot that was previously used by a single channel and had a width different from 8 bits
cannot be added dynamically to a super channel.
29.11 MCC Latency and Performance
The CPM moves data between an MCC channel's FIFOs and temporary 8 byte data buffers in the
corresponding channel-specific parameter RAM. RX FIFOs provide data to the ZDSTATE fields and TX
FIFOs are fed from the ZISTATE fields. This traffic is considered completely internal to the CPM.
In addition to the loading and storing of buffer descriptors, the CPM transfers data for an MCC channel
to/from external memory 8 bytes at a time, to replenish or empty the ZISTATE and ZDSTATE fields as
appropriate. The user may then estimate how frequently the MCC will need to transfer data on an external
bus for a particular channel by calculating how quickly 8 bytes will be sent or received on that channel.
If multiple synchronized TDMs are used (as an example 8 T1 with common clock/sync) it is recommended
to start the TDMs out of phase relative to each other, in order to spread out CPM and bus utilization. This
avoids CPM and bus activity peaks when all the channels would require CPM attention and possibly have
to transfer data to/from the memory simultaneously.
When MCC FIFO activity starts, the MCC begins to consume CPM bandwidth immediately upon enabling
a TDM which has MCC-related SIRAM programming. This is regardless of whether a channel is stopped
or has the “start condition” programmed in the RSTATE and TSTATE channel-specific parameters. If a
user wishes to spread out CPM and bus utilization for the MCC channels on a particular TDM, those
channels must be dynamically added to the SIRAM programming in an evenly distributed fashion over
multiple TDM frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com