Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 934 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 934 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 930Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 931Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 932Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 933Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 934Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 935Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 936Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 937Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 938Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 934 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
29-44
Freescale Semiconductor
length contains the total number of frame octets (including two or four bytes for CRC). Note that
memory allocated for buffers should be not smaller than the contents of the maximum receive
buffer length register (MRBLR). The data length does not include the time stamp.
•
Rx buffer pointer. The receive buffer pointer points to the first location of the associated data
buffer. This value must be equal to 8*n if CHAMR[TS] = 0 and equal to 8*n - 4 if CHAMR[TS]
= 1 (where n is any integer larger than 0).
29.9.2
Transmit Buffer Descriptor (TxBD)
Figure 29-22 shows the TxBD.
Table 29-22 describes TxBD fields.
01
234
567
89
10
11
12
15
Offset + 0
R
RT1
WI
L
TC
CM
—
UB
—SUD1
PAD
Offset + 2
Data Length
Offset + 4
Tx Data Buffer Pointer
Offset + 6
1 SS7 mode only. Otherwise, reserved.
Figure 29-22. MCC Transmit Buffer Descriptor (TxBD)
Table 29-22. TxBD Field Descriptions
Bits
Name
Description
0
R
Ready
0 The buffer associated with this BD is not ready for transmission. The user is free to manipulate
this BD or its associated data buffer. The CP clears this bit after the buffer has been transmitted
or after an error condition is encountered.
1 The data buffer is ready to be transmitted. The transmission may have begun, but it has not
completed. The user cannot modify this BD once this bit is set.
1
RT
SS7 mode only: Retransmit.
0 Normal operation
1 The CP repeats transmission of this BD until the RT bit is cleared. After the RT bit is cleared the
CP advances to the next BD in the table. This feature is useful for automatic LSSU
retransmission.
Note: This bit is reserved in all other modes of operation.
2
W
Wrap (final BD in table)
0 This is not the last BD in the TxBD table.
1 This is the last BD in the TxBD table. After this buffer is used, the CP receives incoming data into
the first BD in the table (the BD pointed to by TBASE). The number of TxBDs in this table is
programmable and is determined the wrap bit.
3
I
Interrupt
0 No interrupt is generated after this buffer has been serviced.
1 The TXB bit in the event register is set when this buffer is serviced. TXB can cause an interrupt
if enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com