Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 930 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 930 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 926Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 927Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 928Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 929Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 930Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 931Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 932Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 933Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 934Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 930 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
29-40
Freescale Semiconductor
29.8.1.2.4
MCC Initialization
CPCR commands for the MCC (such as Init Tx Parameters and Init Rx Parameters) must be issued to cover
all MCC channel numbers that appear in either the SIRAM or superchannel table before that channel
number is used on an active TDM. Note that the command initializes 32 channels at a time, starting with
the channel number given in the command. All channels used in any fashion must be initialized by the
Init Tx parameters and the Init Rx parameters command.
Before a TDM is enabled to use an MCC channel, the following must be initialized:
•
Global MCC parameters
•
Channel Extra Parameters
•
Channel-Specific Parameters
•
Super-Channel Table (if appropriate) and registers
If the MCC has invalid data in any of these areas when the SI tries to talk to the MCC, a GUN is one of
the possible symptoms. Before a TDM is programmed to use an MCC channel, the channel-specific fields
RSTATE and TSTATE must either contain the start value or “STOP TX” and “STOP RX” commands must
be issued to that channel. It is not a valid condition to leave RSTATE and TSTATE unitialized before TDM
operation using that channel
29.8.1.2.5
CPM Bandwidth
If the CPM is overloaded, the MCC is usually one of the first communications controllers to exhibit
problems, often in the form of the GUN. The MCC's sensitivity to bandwidth issues is due to the
shallowness of the FIFOs and the CPM prioritization of the MCC TX.
29.8.1.2.6
CPM Priority
It is possible for the MCC to experience a GUN due to prioritization in the CPM. See Section 14.3.5,
“Peripheral Interface,” for details on the CPM prioritization scheme. There are some options available for
altering how the CPM peripheral prioritization works. These options provide the opportunity for the user
to raise the priority of the MCC itself or lower the priority of other peripherals.
RCCR[MCCPR] controls the MCC priority in relation to other CPM peripherals (refer to Section 14.3.7,
“RISC Controller Configuration Register (RCCR)”). When MCCPR is set, the MCCs are constantly at
emergency priority level within the CPM prioritization scheme. If used, this configuration should be tested
to ensure that the setting of MCCPR does not have adverse effects on the performance of other peripherals
being used in an application. When MCCPR is cleared, the normal priority scheme is be used (refer to
Section 14.3.5, “Peripheral Interface”).
Each FCC FIFO has threshold values, determined by the mode it is using, for determining normal and
emergency CPM request prioritization. When an FCC is in emergency mode, that FCC's TX or RX request
may have higher priority than MCC TX or RX. When FCC1 in particular is in emergency priority mode,
it will always be of higher priority than an MCC. This opens up the possibility of the FCC starving out the
MCC if the FCC continues to be overutilized. This can lead to a GUN. To help alleviate this situation,
setting FPSMR[TPRI] prevents the FCC’s TX from going into emergency mode and can minimize the risk
of global underrun.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com